Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI504PI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDI504PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI504PI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDI504PI Datasheet HTML 1Page - IXYS Corporation IXDI504PI Datasheet HTML 2Page - IXYS Corporation IXDI504PI Datasheet HTML 3Page - IXYS Corporation IXDI504PI Datasheet HTML 4Page - IXYS Corporation IXDI504PI Datasheet HTML 5Page - IXYS Corporation IXDI504PI Datasheet HTML 6Page - IXYS Corporation IXDI504PI Datasheet HTML 7Page - IXYS Corporation IXDI504PI Datasheet HTML 8Page - IXYS Corporation IXDI504PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF504 / IXDI504 / IXDN504
Unless otherwise noted, 4.5V
≤ V
CC ≤ 30V , Tj < 150
oC
All voltage measurements with respect to GND. IXD_504 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics @ temperatures over -55 oC to 125 oC (3)
Notes:
1. Operating the device beyond the parameters listed as “Absolute Maximum Ratings” may cause permanent
damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
2. The device is not intended to be operated outside of the Operating Ratings.
3. Electrical Characteristics provided are associated with the stated Test Conditions.
4. Typical values are presented in order to communicate how the device is expected to perform, but not necessarily
to highlight any specific performance limits within which the device is guaranteed to function.
* The following notes are meant to define the conditions for the θ
J-A, θJ-C and θJ-S values:
1) The
θ
J-A (typ) is defined as junction to ambient. The θJ-A of the standard single die 8-Lead PDIP and 8-Lead SOIC are dominated by the
resistance of the package, and the IXD_5XX are typical. The values for these packages are natural convection values with vertical boards
and the values would be lower with forced convection. For the 6-Lead DFN package, the
θ
J-A value supposes the DFN package is soldered
on a PCB. The
θ
J-A (typ) is 200 °C/W with no special provisions on the PCB, but because the center pad provides a low thermal resistance
to the die, it is easy to reduce the
θ
J-A by adding connected copper pads or traces on the PCB. These can reduce the θJ-A (typ) to 125 °C/W
easily, and potentially even lower. The
θ
J-A for DFN on PCB without heatsink or thermal management will vary significantly with size,
construction, layout, materials, etc. This typical range tells the user what he is likely to get if he does no thermal management.
2)
θ
J-C (max) is defined as juction to case, where case is the large pad on the back of the DFN package. The θJ-C values are generally not
published for the PDIP and SOIC packages. The
θ
J-C for the DFN packages are important to show the low thermal resistance from junction to
the die attach pad on the back of the DFN, -- and a guardband has been added to be safe.
3) The
θ
J-S (typ) is defined as junction to heatsink, where the DFN package is soldered to a thermal substrate that is mounted on a heatsink.
The value must be typical because there are a variety of thermal substrates. This value was calculated based on easily available IMS in the
U.S. or Europe, and not a premium Japanese IMS. A 4 mil dialectric with a thermal conductivity of 2.2W/mC was assumed. The result was
given as typical, and indicates what a user would expect on a typical IMS substrate, and shows the potential low thermal resistance for the
DFNpackage.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ V
CC ≤ 18V
3
V
VIL
Low input voltage
4.5V
≤ V
CC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
High state output
resistance
VCC = 18V, IOUT = 10mA
3
ROL
Low state output
resistance
VCC = 18V, IOUT = 10mA
2.5
IDC
Continuous output current
1
A
tR
Rise time
CLOAD =1000pF VCC =18V
20
ns
tF
Fall time
CLOAD =1000pF VCC =18V
15
ns
tONDLY
On-time propagation delay
CLOAD =1000pF VCC =18V
60
ns
tOFFDLY
Off-time propagation delay
CLOAD =1000pF VCC =18V
50
ns
VCC
Power supply voltage
4.5
18
30
V
ICC
Power supply current
VCC = 18V, VIN = 0V
VIN = 3.5V
VIN = VCC
150
3
150
µA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com