Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5766 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5766 Datasheet HTML 12Page - Analog Devices AD5766 Datasheet HTML 13Page - Analog Devices AD5766 Datasheet HTML 14Page - Analog Devices AD5766 Datasheet HTML 15Page - Analog Devices AD5766 Datasheet HTML 16Page - Analog Devices AD5766 Datasheet HTML 17Page - Analog Devices AD5766 Datasheet HTML 18Page - Analog Devices AD5766 Datasheet HTML 19Page - Analog Devices AD5766 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
AD5766/AD5767
Data Sheet
Rev. C | Page 16 of 43
TYPICAL PERFORMANCE CHARACTERISTICS
–6
–4
–2
0
2
4
6
8
10
12
0
10000
20000
30000
40000
50000
60000
CODE
–10V TO 0V RANGE
–16V TO 0V RANGE
–20V TO 0V RANGE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
TA = 25°C
Figure 7. AD5766 INL Error vs. DAC Code (Unipolar Output)
0.6
–0.2
0.5
0.3
0.4
0.2
0
0.1
–0.1
–0.3
0
4000
2500
1000
3500
1500
3000
2000
500
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
–20V TO 0V RANGE
–16V TO 0V RANGE
–10V TO 0V RANGE
Figure 8. AD5767 INL Error vs. DAC Code (Unipolar Output)
–6
–4
–2
0
2
4
6
8
10
12
0
10000
20000
30000
40000
50000
60000
CODE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
TA = 25°C
±5V RANGE
–16V TO +10V RANGE
–12V TO +14V RANGE
–10V TO +10V RANGE
–10V TO +6V RANGE
Figure 9. AD5766 INL Error vs. DAC Code (Bipolar Outputs)
0
4000
2500
1000
3500
1500
3000
2000
500
0.6
–0.2
0.5
0.3
0.4
0.2
0
0.1
–0.1
–0.3
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
±5V RANGE
–16V TO +10V RANGE
–12V TO +14V RANGE
–10V TO +10V RANGE
–10V TO +6V RANGE
Figure 10. AD5767 INL Error vs. DAC Code (Bipolar Outputs)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
CODE
±5V RANGE
±10V RANGE
–16V TO +10V RANGE
–10V TO +6V RANGE
–12V TO +14V RANGE
AVDD/AVSS = RANGE ±2V
AVCC = 3.3V
TA = 25°C
Figure 11. AD5766 DNL Error vs. DAC Code (Bipolar Outputs)
0
4000
2500
1000
3500
1500
3000
2000
500
0.05
–0.04
0.03
0.04
0.02
0
0.01
–0.02
–0.03
–0.01
–0.05
CODE
AVDD/AVSS = RANGE ± 2V
AVCC = 3.3V
TA = 25°C
±5V RANGE
±10V RANGE
–16V TO +10V RANGE
–10V TO +6V RANGE
–12V TO +14V RANGE
Figure 12. AD5767 DNL Error vs. DAC Code (Bipolar Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com