Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5766 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5766
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5766 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5766 Datasheet HTML 17Page - Analog Devices AD5766 Datasheet HTML 18Page - Analog Devices AD5766 Datasheet HTML 19Page - Analog Devices AD5766 Datasheet HTML 20Page - Analog Devices AD5766 Datasheet HTML 21Page - Analog Devices AD5766 Datasheet HTML 22Page - Analog Devices AD5766 Datasheet HTML 23Page - Analog Devices AD5766 Datasheet HTML 24Page - Analog Devices AD5766 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 21 of 43
–3
–2
–1
0
1
2
3
4
0
102030405060
7080
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
0x0000 TO 0xFFFF
DITHER ON
LFCSP PACKAGE
Figure 37. Analog Crosstalk for LFCSP Package (Dither Enabled)
–6
–5
–4
–3
–1
1
3
–2
0
2
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
0x0000 TO 0xFFFF
DITHER OFF
WLCSP PACKAGE
Figure 38. Analog Crosstalk for WLCSP Package (Dither Disabled)
–7
–6
–5
–4
–3
–1
1
3
–2
0
2
4
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS =RANGE ±2V
0x0000 TO 0xFFFF
DITHER OFF
LFCSP PACKAGE
Figure 39. Analog Crosstalk for LFCSP Package (Dither Disabled)
–3
–2
–1
0
2
4
6
1
3
5
7
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS =RANGE ±2V
0x0000 TO 0xFFFF
DITHER ON
WLCSP PACKAGE
Figure 40. DAC-to-DAC Crosstalk for WLCSP Package (Dither Enabled)
–3
–2
–1
0
2
4
1
3
5
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS =RANGE ±2V
0x0000 TO 0xFFFF
DITHER ON
LFCSP PACKAGE
Figure 41. DAC-to-DAC Crosstalk for LFCSP Package (Dither Enabled)
–5
–4
–3
–1
1
3
4
–2
0
2
0
5
10
15
20
25
30
35
40
45
50
TIME (µs)
±5V RANGE
AVDD/AVSS = RANGE ± 2V
0x0000 TO 0xFFFF
DITHER OFF
WLCSP PACKAGE
Figure 42. DAC-to-DAC Crosstalk for WLCSP Package (Dither Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com