Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 40Page - Analog Devices AD9154-EBZ Datasheet HTML 41Page - Analog Devices AD9154-EBZ Datasheet HTML 42Page - Analog Devices AD9154-EBZ Datasheet HTML 43Page - Analog Devices AD9154-EBZ Datasheet HTML 44Page - Analog Devices AD9154-EBZ Datasheet HTML 45Page - Analog Devices AD9154-EBZ Datasheet HTML 46Page - Analog Devices AD9154-EBZ Datasheet HTML 47Page - Analog Devices AD9154-EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 44 of 124
Link Delay Setup Example, Without Known Delay
If the system delays are not known, the AD9154 can read back
the link latency between LMFCRX for each link and the SYSREF
aligned LMFC. This information calculates LMFCVar and
LMFCDel, as shown in the Without Known Delays section.
Figure 56 shows how DYN_LINK_LATENCY_x (Register 0x302
and Register 0x303) provides a readback showing the delay (in
PClock cycles) between LMFCRX and the transition from ILAS
to the first data sample. By repeatedly power-cycling and taking
this measurement, the minimum and maximum delays across
power cycles can be determined and calculate LMFCVar and
LMFCDel.
The example shown in Figure 56 is demonstrated in the following
steps according to the procedure outlined in the Without Known
Delays section. Note that this example is in Subclass 1 to
achieve deterministic latency, which has a PClockFactor
(FrameClockRate/ PClkRate) of 2 and uses K = 16; therefore
PClocksPerMF = 8.
1. In Figure 56, for Link A, Link B, and Link C, the system
containing the AD9154 (including the transmitter) is
power cycled and configured 20 times. The AD9154 is
configured as described in the Device Setup Guide section.
As the point of this exercise is to determine LMFCDel and
LMFCVar, the LMFCDel is programmed to 0 and the
DYN_ LINK_LATENCY_x is read from Register 0x302
and Register 0x303 for Link 0 and Link 1, respectively. The
variation in the link latency over the 20 runs is shown in
Figure 56 in gray.
•
Link A gives readbacks of 6, 7, 0, and 1. Note that the
set of recorded delay values rolls over the edge of a
multiframe at the boundary K/PClockFactor = 8. Add
PClocksPerMF = 8 to low set. Delay values range from
6 to 9.
•
Link B gives Delay values from 5 to 7.
•
Link C gives Delay values from 4 to 7.
2. Calculate the minimum of all Delay measurements across
all power cycles, links, and devices:
MinDelay = min(all Delay values) = 4
3. Calculate the maximum of all Delay measurements across
all power cycles, links, and devices:
FALL_COUNT_Delay = max(all Delay values) = 9
4. Calculate the total Delay variation (with guard band)
across all power cycles, links, and devices:
LMFCVar = (FALL_COUNT_Delay + 1) − (MinDelay − 1)
= (9 + 1) − (4 − 1) = 10 − 3 = 7 PClock cycles
5. Calculate the minimum delay in frame clock cycles (with
guard band) across all power cycles, links, and devices:
LMFCDel = ((MinDelay − 1) × PClockFactor) % K
= ((4 − 1) × 2) % 16 = (3 × 2) % 16
= 6 % 16 = 6 frame clock cycles
6. Write LMFCDel to both Register and Register 0x305 for all
devices in the system. Write LMFCVar to both Register 0x306
and Register 0x307 for all devices in the system.
ILAS
DATA
SYSREF±
ALIGNED DATA
LMFCRX
DYN_LINK_LATENCY
Figure 55. DYN_LINK_LATENCY Illustration
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
DYN_LINK_LATENCY_CNT
ALIGNED DATA (LINK A)
DETERMINISTICALLY
DELAYED DATA
LMFCRX
ALIGNED DATA (LINK B)
ALIGNED DATA (LINK C)
FRAME CLOCK
LMFC
PCLOCK
DATA
ILAS
DATA
ILAS
DATA
ILAS
DATA
ILAS
LMFC_DELAY = 6
(FRAME CLOCK CYCLES)
LMFCVARx = 7
(PCLOCK CYCLES)
Figure 56. Multilink Synchronization Settings, Derived Method Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com