Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154-EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 45Page - Analog Devices AD9154-EBZ Datasheet HTML 46Page - Analog Devices AD9154-EBZ Datasheet HTML 47Page - Analog Devices AD9154-EBZ Datasheet HTML 48Page - Analog Devices AD9154-EBZ Datasheet HTML 49Page - Analog Devices AD9154-EBZ Datasheet HTML 50Page - Analog Devices AD9154-EBZ Datasheet HTML 51Page - Analog Devices AD9154-EBZ Datasheet HTML 52Page - Analog Devices AD9154-EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 49 of 124
Mode Configuration Maps
Table 47 through Table 56 contain the SPI configuration maps
for each mode shown in Figure 59 through Figure 67. Figure 59
through Figure 67 show the associated data flow through the
deframing process of the JESD204B receiver for each of the modes.
Mode 0 to Mode 10 apply to single link operation. Mode 4 to Mode
10 also apply to dual link operation. Register 0x300 must be set
accordingly for single or dual link operation.
Additional details regarding all the SPI registers can be found in
the Register Summary and Register Details sections.
Table 47. SPI Configuration Map—Register Settings for JESD204B Parameters for Mode 0
Address
Setting
Description
0x453
0x07 or 0x87
Register 0x453, Bit 7 = 0 or 1: scrambling disabled or enabled; Register 0x453[4:0] = 0x7: L = 8 lanes per link
0x454
0x00
Register 0x454, Bits[7:0] = 0x00: F = 1 octet per frame
0x455
0x1F
Register 0x455, Bits[4:0] = 0x1F: K = 32 frames per multiframe
0x456
0x03
Register 0x456, Bits[7:0] = 0x03: M = 4 converters per link
0x457
0x0F
Register 0x457, Bits[7:6] = 0x0: always set CS = 0; Register 0x457, Bits[4:0] = 0xF: N = 16, always set to 16-bit resolution
0x458
0x0F or 0x2F
Register 0x458, Bits[7:5] = 0x0 or 0x1: Subclass 0 or Subclass 1; Register 0x458, Bits[4:0] = 0xF: NP = 16 bits per sample
0x459
0x20
Register 0x459, Bits[7:5] = 0x1: JESD204B version; Register 0x459, Bits[4:0] = 0x0: S = 1 sample per converter per
frame
0x45A
0x80
Register 0x45A, Bit 7 = 1: HD = 1; Register 0x45A, Bits[4:0] = 0x00: always set CF = 0
0x46C
0xFF
Register 0x46C, Bits[7:0] = 0xFF: Deskew Link Lane 0 to Link Lane 7
0x476
0x01
Register 0x476, Bits[7:0] = 0x01: F = 1 octet per frame
0x47D
0xFF
Register 0x47D, Bits[7:0] = 0xFF: Enable Link Lane 0 to Link Lane 7
1 OCTET PER LANE
(F = 1)
16-BIT NIBBLE GROUP
(N = 16)
1 SAMPLE PER
CONVERTER PER FRAME
(S = 1)
DAC0
DAC1
DAC2
DAC3
SERIAL JESD204B DATA (L = 8)
SAMPLES SPLIT ACROSS LANES
(HD = 1)
NIBBLE GROUP 0
CONVERTER 0, SAMPLE 0
D15 ... D0
LANE 0,
OCTET 0
LANE 1,
OCTET 0
NIBBLE GROUP 1
CONVERTER 1, SAMPLE 0
D15 ... D0
LANE 2,
OCTET 0
LANE 3,
OCTET 0
NIBBLE GROUP 2
CONVERTER 2, SAMPLE 0
D15 ... D0
LANE 4,
OCTET 0
LANE 5,
OCTET 0
NIBBLE GROUP 3
CONVERTER 3, SAMPLE 0
D15 ... D0
LANE 6,
OCTET 0
LANE 7,
OCTET 0
4 CONVERTERS
(M = 4)
Figure 59. JESD204B Mode 0 Data Deframing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com