Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2662 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 17Page - Analog Devices LTC2662 Datasheet HTML 18Page - Analog Devices LTC2662 Datasheet HTML 19Page - Analog Devices LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2662
21
Rev 0
For more information www.analog.com
OPERATION
Toggle Select Register (TSR)
The toggle select command (1100b) syntax is shown in
Figure 7. Each bit in the 5-bit TSR data field controls the
DAC channel of the same name: T0 controls channel 0,
T1 channel 1… and T4 controls channel 4.
The toggle select bits (T0, T1… T4) have a dual function.
First, each toggle select bit controls which input regis-
ter (A or B) receives data from a write-code operation.
When the toggle select bit of a given channel is high,
write-code operations are directed to input register B of
the addressed channel. When the bit is low, write-code
operations are directed to input register A. Secondly, each
toggle select bit enables the corresponding channel for a
toggle operation.
Writing to Input Registers A and B
Having chosen channels to toggle, write the desired codes
to input registers A for the chosen channels; then set
the channels’ toggle select bits using the toggle select
command; and finally, write the desired codes to input
registers B. Once these steps are completed, the channels
are ready to toggle. For example, to set up channel 3 to
toggle between codes 4096 and 4200:
1) Write code channel 3 (code = 4096) to register A
00000011 00010000 00000000
2) Toggle select (set bit T3)
11000000 00000000 00001000
3) Write code channel 3 (code = 4200) to register B
00000011 00010000 01101000
The write code of step (3) is directed to register B because
in step (2), bit T3 was set to 1. Channel 3 now has input
registers A and B holding the two desired codes, and is
prepared for the toggle operation.
Note: After writing to register B, the code for register A
can still be changed. The state of the Toggle Select bit
determines to which register (A or B) a write is directed.
First, toggle select bit T3 has to be reset to 0:
11000000 00000000 00000000
Then write the new register A code. Let’s say the new code
is 4300, so the instruction would be:
00000011 00010000 11001100
After that, set toggle select bit T3 to 1 again [step 2 above].
It is not necessary to write to register B again; channel 3
is ready for the toggle operation.
Toggling Between Registers A and B
Once input registers A and B have been written to for all
desired channels and the corresponding toggle-select bits
are set high, as in the previous example, the channels are
ready for toggling.
The LTC2662 supports three types of toggle operations:
a first in which all selected channels are toggled together
using the SPI port; a second in which all selected channels
are toggled together using an external clock or logic sig-
nal; and a third in which any combination of channels can
be instructed to update from either input register A or B.
TOGGLE SELECT
2662 F07
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
T3
T4
T2
T1
T0
MSB
LSB
1
TOGGLE SELECT BITS
(1-BIT/CHANNEL)
DON’T CARE
GLOBAL TOGGLE
COMMAND
2662 F08
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
TGB
1
GLOBAL
TOGGLE
BIT
DON’T CARE
Figure 7. Toggle Select Syntax
Figure 8. Global Toggle Syntax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com