Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2662 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2662
Description  Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2662 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2662 Datasheet HTML 20Page - Analog Devices LTC2662 Datasheet HTML 21Page - Analog Devices LTC2662 Datasheet HTML 22Page - Analog Devices LTC2662 Datasheet HTML 23Page - Analog Devices LTC2662 Datasheet HTML 24Page - Analog Devices LTC2662 Datasheet HTML 25Page - Analog Devices LTC2662 Datasheet HTML 26Page - Analog Devices LTC2662 Datasheet HTML 27Page - Analog Devices LTC2662 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2662
24
Rev 0
For more information www.analog.com
OPERATION
Fault Indicator Pin (FAULT, Pin 30)
The FAULT pin is an open-drain N-channel output that
pulls low when a fault condition is detected. It is released
on the next rising CS/LD edge. The pin is an open-drain
output suitable for wired-OR connection to an interrupt
bus; a pull-up resistor on the bus is required.
Fault Conditions and Thermal Overload Protection
There are four types of fault conditions that cause the
FAULT pin to pull low. First, an open-circuit (OC) condition
on any of the output pins (OUT0 to OUT4) is triggered
when an output channel enters dropout due to insufficient
voltage from VDDx to OUTx. An independent open-circuit
detection circuit is provided for each of the five DAC cur-
rent output pins.
FR5 provides a detection flag which is set when the die
temperature exceeds 175°C. The overtemperature condi-
tion also forces all five DAC channels to power down and
the open-drain FAULT pin to pull low. FR5 remains set and
the device stays in shutdown until the die cools. Below
approximately 150°C the DAC channels can be returned to
normal operation. Note that a CS/LD rising edge releases
the FAULT pin regardless of the die temperature.
Since any DAC channel can source up to 300mA, die heat-
ing potential of the system design should be evaluated
carefully. FR6, a power-limit protection flag, is provided
to help prevent accidental damage to the current output
device(s). The power-limit fault condition is triggered for
the 200mA and 300mA full-scale current spans when the
voltage difference between an output supply pin (VDDX)
and its current output pin (OUTX) is ≥10V.
Finally, FR7 is provided to flag invalid SPI word lengths.
Valid word lengths are 24 bits, 32 bits, and integer mul-
tiples of 32 bits; any other length causes FR7 to set, the
FAULT pin to assert, and the instruction itself to be ignored.
Config Command
The Config command has four arguments—OC, PL, TS
and RD (see Figure 10).
Setting the OC bit disables open-circuit detection (FR0 to
FR4). Likewise, the PL bit disables power-limit protection
(FR6); and the TS bit disables thermal protection (FR5).
Use these options with caution, particularly PL and TS.
The RD bit is used to select external-reference operation.
The REFCOMP pin must be grounded for external reference
use whether the RD bit is set or not.
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than five DAC outputs are needed. When in power-down,
the voltage-to-current output drivers and reference buf-
fers are disabled. The current DAC outputs are put into a
high impedance state. Register contents are not disturbed
during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combi-
nation with the appropriate DAC address. In addition, all
the DAC channels and the integrated reference together
can be put into power-down using the Power-Down Chip
command, 0101b. The 16-bit data word is ignored for all
power-down commands.
Figure 10. Config Command Syntax: Open-Circuit Detection Disable (OC), Power Limit Protection
Disable (PL), Thermal Shutdown Disable (TS) and Reference Disable (RD)
CONFIG COMMAND
2662 F10
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
OC
X
PL
TS
RD
0
CONFIG BITS
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com