Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612MFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN612MFP
Description  Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MFP Datasheet(HTML) 2 Page - STMicroelectronics

  TYN612MFP Datasheet HTML 1Page - STMicroelectronics TYN612MFP Datasheet HTML 2Page - STMicroelectronics TYN612MFP Datasheet HTML 3Page - STMicroelectronics TYN612MFP Datasheet HTML 4Page - STMicroelectronics TYN612MFP Datasheet HTML 5Page - STMicroelectronics TYN612MFP Datasheet HTML 6Page - STMicroelectronics TYN612MFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TYN612M
2/7
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Thermal Resistances
Table 6: Product Selector
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V
RL = 140 Ω
MIN.
1.5
mA
MAX.
5
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
20
mA
IL
IG = 1.2 IGT
MAX.
40
mA
dV/dt
VD = 67 % VDRM Gate open
Tj = 125°C
MIN.
50
V/µs
VTM
ITM = 24 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
30
m
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
TO-220AB
1.3
°C/W
TO-220FPAB
4.5
Rth(j-a)
Junction to ambient
TO-220AB
55
°C/W
TO-220FPAB
55
Part Number
Voltage
Sensitivity
Package
TYN612MRG
600V
5mA
TO-220AB
TYN612MFP
600V
5mA
TO-220FPAB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com