Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612MFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN612MFP
Description  Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MFP Datasheet(HTML) 3 Page - STMicroelectronics

  TYN612MFP Datasheet HTML 1Page - STMicroelectronics TYN612MFP Datasheet HTML 2Page - STMicroelectronics TYN612MFP Datasheet HTML 3Page - STMicroelectronics TYN612MFP Datasheet HTML 4Page - STMicroelectronics TYN612MFP Datasheet HTML 5Page - STMicroelectronics TYN612MFP Datasheet HTML 6Page - STMicroelectronics TYN612MFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYN612M
3/7
Figure 1: Maximum average power dissipation
versus average on-state current
Figure 2: Average and D.C. on-state current
versus case temperature (TO-220AB)
Figure 3: Average and D.C. on-state current
versus case temperature (TO-220FPAB)
Figure
4:
Relative
variation
of
thermal
impedance versus pulse duration (TO-220AB)
Figure
5:
Relative
variation
of
thermal
impedance versus pulse duration (TO-220FPAB)
Figure 6: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
012
3456
78
9
P(W)
I
(A)
T(AV)
α = 180°
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
C
α = 180°
D.C.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
C
α = 180°
D.C.
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
I
, I , I [T ] / I
, I , I [T =25°C]
GT
H
L
j
GT
H
L
j
T (°C)
j
IGT
IH & IL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com