Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX9915 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX9915
Description  Low Voltage Error Amplifier with a 350V Darlington Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9915 Datasheet(HTML) 1 Page - IXYS Corporation

  IX9915 Datasheet HTML 1Page - IXYS Corporation IX9915 Datasheet HTML 2Page - IXYS Corporation IX9915 Datasheet HTML 3Page - IXYS Corporation IX9915 Datasheet HTML 4Page - IXYS Corporation IX9915 Datasheet HTML 5Page - IXYS Corporation IX9915 Datasheet HTML 6Page - IXYS Corporation IX9915 Datasheet HTML 7Page - IXYS Corporation IX9915 Datasheet HTML 8Page - IXYS Corporation IX9915 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX9915-R01
www.ixysic.com
1
IX9915
Low Voltage Error Amplifier with a
350V Darlington Transistor
Features
• Precision reference, error amplifier, and a high
voltage Darlington transistor in a single package
• 1.299V±1% reference @25ºC
(±1.5% @-40ºC to 85ºC)
• Error amplifier supply voltage range: 1.3V to 12.5V
over temperature
• Breakdown voltage of Darlington transistor: 350V
Applications
• LED lamps
• Low voltage power supply feedback
• AC-to-DC off-line power supplies
• DC-to-DC converters
Description
The IX9915 integrates an error amplifier with a
precision reference and a 350V Darlington transistor
in a single package. The error amplifier can be
operated from 1.3V to 12.5V over the operational
temperature range. The breakdown voltage of the
Darlington transistor is 350V.
The integrated combination of a 4-terminal 431 type
shunt regulator with a high voltage Darlington
transistor is ideal for use in LED lamp bleeder control
circuits.
Ordering Information
IX9915 Block Diagram
Part
Description
IX9915N
8-pin SOIC, Tube (100/Tube)
IX9915NTR
8-pin SOIC, Tape & Reel (2000/Reel)
+
_
+
_
V
SS
V
CC
FB
OC
C
E
B
V
REF


Similar Part No. - IX9915

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
IX9907NTR IXYS-IX9907NTR Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
IX9908 IXYS-IX9908 Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908N IXYS-IX9908N Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908NTR IXYS-IX9908NTR Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
More results

Similar Description - IX9915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
Precision Reference with Low Offset Error Amplifier
logo
Fairchild Semiconductor
KST13 FAIRCHILD-KST13 Datasheet
52Kb / 4P
Darlington Amplifier Transistor
logo
Unisonic Technologies
TIP110A UTC-TIP110A Datasheet
57Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122_07 Datasheet
232Kb / 9P
Low voltage power Darlington transistor
03-Oct-2007
logo
Unisonic Technologies
TIP110A UTC-TIP110A_09 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
STMicroelectronics
2STBN15D100 STMICROELECTRONICS-2STBN15D100 Datasheet
109Kb / 7P
Low voltage NPN power Darlington transistor
19-Jan-2010
logo
Texas Instruments
UC3965DP TI-UC3965DP Datasheet
75Kb / 6P
Precision Reference with Low Offset Error Amplifier
logo
Fairchild Semiconductor
KST13MTF FAIRCHILD-KST13MTF Datasheet
58Kb / 4P
Darlington Amplifier Transistor
logo
Unisonic Technologies
TIP110A UTC-TIP110A_15 Datasheet
106Kb / 3P
LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517_17 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com