Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX9915 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX9915
Description  Low Voltage Error Amplifier with a 350V Darlington Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9915 Datasheet(HTML) 4 Page - IXYS Corporation

  IX9915 Datasheet HTML 1Page - IXYS Corporation IX9915 Datasheet HTML 2Page - IXYS Corporation IX9915 Datasheet HTML 3Page - IXYS Corporation IX9915 Datasheet HTML 4Page - IXYS Corporation IX9915 Datasheet HTML 5Page - IXYS Corporation IX9915 Datasheet HTML 6Page - IXYS Corporation IX9915 Datasheet HTML 7Page - IXYS Corporation IX9915 Datasheet HTML 8Page - IXYS Corporation IX9915 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9915
4
www.ixysic.com
R01
1.4 Electrical Characteristics
1 Reference voltage measured at Pin FB under the specified conditions.
2 Deviation parameters VREF(DEV) and IIB(DEV) are defined as the difference between the minimum and maximum values obtained over the rated temperature range.
3 With two external resistors, the total shunt transconductance of the circuit is defined as:
1.5 Test Diagrams
Figure 1: VREF, IIB, VREF/VCC, gM Test Circuit
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Characteristics @25°C (Unless Otherwise Specified)
Supply voltage
VCC
TA=-40°C to +85°C
1.3
-
12.5
V
Reference voltage 1
VREF
VCC=1.6V, IOC=10mA (Fig. 1)
V
TA=25°C
1.286
1.299
1.312
TA=-40°C to +85°C
1.280
1.299
1.318
Deviation of VREF over temperature
2
VREF(DEV)
VCC=1.6V, IOC=10mA, TA=-40°C to +85°C (Fig. 1)
-8
21
mV
Ratio of VREF variation to VCC change
V
REF/VCC
1.3V
< VCC < 12.5V, IOC=10mA (Fig. 1)
-
-0.37
-2.7
mV/V
FB input bias current
IIB
VCC=1.6V, IOC=10mA (Fig. 1)
0.1
0.34
0.5
A
Deviation of IIB over temperature
2
IIB(DEV)
VCC=1.6V, IOC=10mA, (Fig. 1)
A
TA=-40°C to +85°C
-0.4
0.6
Quiescent bias current
IQ
VCC=1.6V, VFB = VREF, IOC=0mA (Fig. 3)
-
75
100
A
Error amplifier Off-State current
ICC(off)
VOC=VCC=12.5V, VFB=0V (Fig. 2)
0.001
0.1
A
Shunt Transconductance 3
gm (IOC/VFB)VCC=1.6V, IOC = 0.2mA to 10mA, f=1kHz
-1
-
S
Darlington Characteristics @25°C (Unless Otherwise Specified)
Collector-emitter voltage breakdown
BVCEO
ICE=100A
350
-
-
V
Collector current
ICE
VCE=200V, RB=1M (Fig. 4)
-
-
100
nA
Base-emitter On voltage
VBE(ON)
ICE=40mA, VCE=2V
--
1.8
V
Collector-emitter saturation voltage
VCE(SAT)
IC=100mA, IB=150A
--
1.2
V
Current gain
hFE
ICE=40mA, VCE=2V
2500
-
40000
-
g
m
g
m
1
R
1
R
2
------
+
---------------
=
+
_
+
_
OC
FB
V
CC
C
E
B
V
SS
I
OC
I
Q
I
IB
V
REF
R
2
R
1
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com