Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8870-R3 Datasheet(PDF) 8 Page - Clare, Inc.

Part # M8870-R3
Description  DTMF Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8870-R3 Datasheet(HTML) 8 Page - Clare, Inc.

  M8870-R3 Datasheet HTML 1Page - Clare, Inc. M8870-R3 Datasheet HTML 2Page - Clare, Inc. M8870-R3 Datasheet HTML 3Page - Clare, Inc. M8870-R3 Datasheet HTML 4Page - Clare, Inc. M8870-R3 Datasheet HTML 5Page - Clare, Inc. M8870-R3 Datasheet HTML 6Page - Clare, Inc. M8870-R3 Datasheet HTML 7Page - Clare, Inc. M8870-R3 Datasheet HTML 8Page - Clare, Inc. M8870-R3 Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Tolerances for 18 - pin Dip
Inches
Metric (mm)
Min
Max
Min
Max
A
.0926
.1043
2.35
2.65
A1
.0040
.0118
.10
.30
b
.013
.020
.33
.51
D
.4469
.4625
11.35
11.75
E
.2914
.2992
7.4
7.6
e
.050 BSC
1.27 BSC
H
.394
.419
10.00
10.65
L
.016
.050
.40
1.27
Tolerances for 18 - pin Dip
Inches
Metric (mm)
Min
Max
Min
Max
A
-
.210
-
5.33
A1
.015
-
.38
-
b
.014
.022
.36
.56
b2
.045
.070
1.1
1.7
C
.008
.014
.20
.36
D
.880
.920
23.35
23.37
E
.300
.325
7.62
8.26
E1
.240
.280
6.10
7.11
e
.100 BSC
2.54 BSC
ec
0°
15°
0°
15°
L
.115
.150
2.92
3.81
www.clare.com
8
M-8870
Rev. 3
Figure 9 Mechanical Dimensions
Dimensions
mm
(inches)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com