Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8870-R3 Datasheet(PDF) 1 Page - Clare, Inc.

Part # M8870-R3
Description  DTMF Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8870-R3 Datasheet(HTML) 1 Page - Clare, Inc.

  M8870-R3 Datasheet HTML 1Page - Clare, Inc. M8870-R3 Datasheet HTML 2Page - Clare, Inc. M8870-R3 Datasheet HTML 3Page - Clare, Inc. M8870-R3 Datasheet HTML 4Page - Clare, Inc. M8870-R3 Datasheet HTML 5Page - Clare, Inc. M8870-R3 Datasheet HTML 6Page - Clare, Inc. M8870-R3 Datasheet HTML 7Page - Clare, Inc. M8870-R3 Datasheet HTML 8Page - Clare, Inc. M8870-R3 Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Part #
Description
M-8870-01
18-pin plastic DIP
M-8870-01SM
18-pin plastic SOIC
M-8870-01SMTR
18-pin plastic SOIC, tape and reel
M-8870-02
18-pin plastic DIP, power-down,
option
M-8870-02SM
18-pin plastic SOIC, power-down,
option
M-8870-02T
18-pin plastic SOIC, power-down
option, tape and reel
www.clare.com
DS-M8870-R3
M-8870
DTMF Receiver
1
Block Diagram
Pin Configuration
Ordering Information
Features
• Low Power Consumption
• Adjustable Acquisition and Release Times
• Central Office Quality and Performance
• Power-down and Inhibit Modes (-02 only)
• Inexpensive 3.58 MHz Time Base
• Single 5 Volt Power Supply
• Dial Tone Suppression
Applications
• Telephone switch equipment
• Remote data entry
• Paging systems
• Personal computers
• Credit card systems
Description
The M-8870 is a full DTMF Receiver that integrates
both bandsplit filter and decoder functions into a single
18-pin DIP or SOIC package. Manufactured using
CMOS process technology, the M-8870 offers low
power consumption (35 mW max) and precise data
handling. Its filter section uses switched capacitor
technology for both the high and low group filters and
for dial tone rejection. Its decoder uses digital counting
techniques to detect and decode all 16 DTMF tone
pairs into a 4-bit code. External component count is
minimized by provision of an on-chip differential input
amplifier, clock generator, and latched tri-state inter-
face bus. Minimal external components required
include a low-cost 3.579545 MHz color burst crystal, a
timing resistor, and a timing capacitor.
The M-8870-02 provides a “power-down” option
which, when enabled, drops consumption to less
than 0.5 mW. The M-8870-02 can also inhibit the
decoding of fourth column digits (see Tone Decoding
table on page 5).


Similar Part No. - M8870-R3

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M8870 CLARE-M8870 Datasheet
301Kb / 9P
DTMF Receiver
More results

Similar Description - M8870-R3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
DTMF Receiver
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
DTMF Receiver?
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com