Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFD615X2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXRFD615X2
Description  15 A Dual Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615X2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXRFD615X2 Datasheet HTML 1Page - IXYS Corporation IXRFD615X2 Datasheet HTML 2Page - IXYS Corporation IXRFD615X2 Datasheet HTML 3Page - IXYS Corporation IXRFD615X2 Datasheet HTML 4Page - IXYS Corporation IXRFD615X2 Datasheet HTML 5Page - IXYS Corporation IXRFD615X2 Datasheet HTML 6Page - IXYS Corporation IXRFD615X2 Datasheet HTML 7Page - IXYS Corporation IXRFD615X2 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15 A Dual Low-Side RF MOSFET Driver
IXRFD615X2
2
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted, TA = 25° C, 8 V < VCC < 30 V.
All voltage measurements with respect to GND. IXRFD615X2 configured as described in Test Conditions for one driver.
Symbol
Parameter
Test Conditions
Typ
Max
Units
Min
VIH
High input voltage
VCC = 15 V for typical value
3
V
3.5
VIL
Low input voltage
VCC = 15 V for typical value
2.8
0.8
V
VHYS
Input hysteresis
0.23
V
VIN
Input voltage range
VCC + 0.3
V
-5
IIN
Input current
0 V≤ VIN ≤ VCC
10
µA
-10
VOH
High output voltage
V
VCC - 0.025
VOL
Low output voltage
0.025
V
ROH
High output resistance
VCC = 15 V IOUT = 100 mA
0.5
Ω
ROL
Low output resistance
VCC = 15 V IOUT = 100 mA
0.35
Ω
IPEAK
Peak output current
VCC = 15 V
14
A
IDC
Continuous output current
1.3
A
tR
Rise time
VCC=15 V CL=1 nF
CL=2 nF
4
6
ns
ns
tF
Fall time
VCC =15 V CL=1 nF
CL=2 nF
4
5.5
ns
ns
tONDLY
ON propagation delay
VCC =15 V CL=2 nF
24
ns
tOFFDLY
OFF propagation delay
VCC =15 V CL=2 nF
22
ns
PWmin
Minimum pulse width
FWHM VCC =15 V CL=1 nF
8
ns
VCC
Power supply voltage
Recommended
8
15
18
V
ICC
Power supply current
VCC = 15 V, VIN = 0 V
VCC = 15 V, VIN = 3.5 V
VCC = 15 V, VIN = VCC
0
1
0
1
3
5
mA
mA
mA
Parameter
Value
Supply Voltage VCC
30 V
Input Voltage Level VIN
-5 V to VCC + 0.3 V
All Other Pins
-0.3 V to VCC +0.3 V
Total Power Dissipation
TA (AMBIENT) ≤ 25C
TC (CASE) ≤ 25C
2 W
100 W
Storage Temperature
-40° C to 150° C
Soldering Lead Temperature
(10 seconds maximum)
300° C
Note: Operating the device outside of the “ Absolute Maximum
Ratings” may cause permanent damage. Typical values indicate
conditions for which the device is intended to be functional but do
not guarantee specific performance limits. The guaranteed specifica-
tions apply only for the test conditions listed. Exposure to absolute
maximum conditions for extended periods may impact device relia-
bility.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when handling and
assembling.
All specifications are subject to change at any time without notice.
Parameter
Value
Maximum Junction Temperature
150° C
Operating Temperature Range
-40° C to 85° C
Thermal Impedance (Junction to Case) RӨJC 0.25° C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com