Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFD615X2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXRFD615X2
Description  15 A Dual Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615X2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXRFD615X2 Datasheet HTML 1Page - IXYS Corporation IXRFD615X2 Datasheet HTML 2Page - IXYS Corporation IXRFD615X2 Datasheet HTML 3Page - IXYS Corporation IXRFD615X2 Datasheet HTML 4Page - IXYS Corporation IXRFD615X2 Datasheet HTML 5Page - IXYS Corporation IXRFD615X2 Datasheet HTML 6Page - IXYS Corporation IXRFD615X2 Datasheet HTML 7Page - IXYS Corporation IXRFD615X2 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
15 A Dual Low-Side RF MOSFET Driver
IXRFD615X2
4
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
Load Capacitance (nF)
Supply Current vs. Load Capacitance
Vcc = 15 V
5 MHz
10 MHz
15 MHz
20 MHz
25 MHz
1 MHz
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
Load Capacitance (nF)
Supply Current vs. Load Capacitance
Vcc = 12 V
5 MHz
10 MHz
15 MHz
20 MHz
25 MHz
1 MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
Load Capacitance (nF)
Supply Current vs. Load Capacitance
Vcc = 8 V
5 MHz
10 MHz
15 MHz
20 MHz
25 MHz
1 MHz
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
Frequency (MHz)
Supply Current vs. Frequency
Vcc = 15 V
CLOAD = 0nF
CLOAD = 1nF
CLOAD = 2nF
CLOAD = 3nF
CLOAD = 4nF
Fig. 13
Fig. 11
Fig. 10
Fig. 12
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
10
20
30
40
Frequency (MHz)
Supply Current vs. Frequency
Vcc = 8 V
CLOAD = 0nF
CLOAD = 1nF
CLOAD = 2nF
CLOAD = 3nF
CLOAD = 4nF
Fig. 8
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
Frequency (MHz)
Supply Current vs. Frequency
Vcc = 12 V
CLOAD = 0nF
CLOAD = 1nF
CLOAD = 2nF
CLOAD = 3nF
CLOAD = 4nF
Fig. 9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com