Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFDSM607X2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFDSM607X2
Description  15 A Low-Side RF MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFDSM607X2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFDSM607X2 Datasheet HTML 1Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 2Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 3Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 4Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 5Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 6Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 7Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 8Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
15 A Low-Side RF MOSFET Driver
IXRFDSM607X2
1
Features
High Peak Output Current
Low Output Impedance
Low Quiescent Supply Current
Low Propagation Delay
High Capacitive Load Drive Capability
Wide Operating Voltage Range
Single or Dual Driver Operation Capable
Applications
RF MOSFET Driver
Class D and E RF Generators
Multi-MHz Switch Mode Supplies
Pulse Transformer Driver
Pulse Laser Diode Driver
Pulse Generator
Description
The IXRFDSM607X2 is a dual CMOS high-speed,
high-current gate driver specifically designed to drive
MOSFETs in Class D and E HF RF applications as
well as other applications requiring ultrafast rise and
fall times or short minimum pulse widths. The
IXRFDSM607X2 can source and sink 7 A of peak cur-
rent per driver, 15 A when combined, while producing
voltage rise and fall times of less than 5 ns and mini-
mum pulse widths of 8 ns. The inputs of the driver are
compatible with TTL or CMOS and are fully immune to
latch up over the entire operating range. Designed
with small internal delays, cross conduction or current
shoot-through is virtually eliminated. The features and
wide safety margin in operating voltage and power
make the IXRFDSM607X2 unmatched in performance
and value.
The surface mount IXRFDSM607X2 is packaged in a
low-inductance surface mount package incorporating
advanced layout techniques to minimize stray lead in-
ductances for optimum switching performance. The
input and output pins can be separated or combined
for dual or single driver operation. However, both
sides are ground referenced together and cannot be
operated ground isolated from each other.
Fig. 1- Block Diagram and Truth Table
IN
OUT
0
0
1
1


Similar Part No. - IXRFDSM607X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
803Kb / 7P
IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
More results

Similar Description - IXRFDSM607X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD415 IXYS-IXDD415 Datasheet
161Kb / 8P
Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
IttyBitty??Low-Side MOSFET Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
IXYS Corporation
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com