Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRFDSM607X2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXRFDSM607X2
Description  15 A Low-Side RF MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFDSM607X2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXRFDSM607X2 Datasheet HTML 1Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 2Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 3Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 4Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 5Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 6Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 7Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 8Page - IXYS Corporation IXRFDSM607X2 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
15 A Low-Side RF MOSFET Driver
IXRFDSM607X2
3
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
CL = 0 nF
CL = 1 nF
CL = 2 nF
CL = 4 nF
ROL
ROH
CL = 4 nF
CL = 0 nF
CL = 1 nF
CL = 2 nF
VIH = 3.5V
VIH
VIL
tONDLY
tOFFDLY
VIL = 0V
*Outputs combined



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com