Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM032AT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSM032AT
Description  FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM032AT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSM032AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NICHIA STS-DA1-3207B <Cat.No.160630>
4
OUTLINE DIMENSIONS
STS-DA7-1342A
NSSM032x
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
Green
2
5
Blue
3
4
Red
1
6
The Red, Blue and Green die are attached to the Cathode side.
Redダイ、Blueダイ、Greenダイは カソード側に実装されています。
*
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容
Description
黒色耐熱性ポリマー
Black Heat-resistant Polymer
エポキシ樹脂
(拡散剤入り)
Epoxy Resin(with diffuser)
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.076g(TYP)
0.7±0.3
(
2.53)
4.5
Red
Blue
Green
(3.52)
4
6
5
Pin-1 Mark
3
1
2
2
The dimension(s) in parentheses are for reference purposes.
括弧で囲まれた寸法は参考値です。
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com