Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM032AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSM032AT
Description  FULL COLOR LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM032AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSM032AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM032AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3207B <Cat.No.160630>
2
RANKS
Item
Blue
Green
Red
Unit
Rank
Min
Max
Rank
Min
Max
Rank
Min
Max
Forward Voltage
-
2.65
3.45
-
2.75
3.55
-
1.80
2.55
V
Reverse Current
-
-
50
-
-
50
-
-
50
μA
Luminous Intensity
BT
460
580
GT
2380
3000
RT
840
1060
mcd
BS
365
460
GS
1890
2380
RS
668
840
BR
290
365
GR
1500
1890
RR
530
668
Color Ranks
Blue
Rank W1
Rank W2
x
0.139
0.129
0.145
0.152
x
0.129
0.113
0.134
0.145
y
0.035
0.050
0.072
0.056
y
0.050
0.080
0.105
0.072
Green
Rank G1m
Rank G2m
x
0.166
0.136
0.176
0.201
x
0.201
0.176
0.220
0.237
y
0.676
0.739
0.750
0.686
y
0.686
0.750
0.745
0.684
Red
Rank R8
x
0.6742
0.6598
0.6915
0.7080
y
0.2958
0.3106
0.3083
0.2920
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com