Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM313AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSM313AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Blue
Green
Red
Forward Current
IF
50
50
40
mA
Pulse Forward Current
IFP
100
100
90
mA
Allowable Reverse Current
IR
85
85
-
mA
Reverse Voltage
VR
-
-
5
V
Power Dissipation
PD
162
177
102
mW
Operating Temperature
Topr
-40~110
°C
Storage Temperature
Tstg
-40~110
°C
Junction Temperature
TJ
125
125
125
°C
* Absolute Maximum Ratings at TA=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Blue
Forward Voltage
VF
IF=20mA
2.90
-
V
Luminous Intensity1
(Dominant Wavelength: 445~460nm)
Iv
IF=20mA
240
-
mcd
Chromaticity Coordinate1
(Dominant Wavelength: 455nm)
x
-
IF=20mA
0.153
-
-
y
IF=20mA
0.026
-
Luminous Intensity2
(Dominant Wavelength: 464~475nm)
Iv
IF=20mA
450
-
mcd
Chromaticity Coordinate2
(Dominant Wavelength: 470nm)
x
-
IF=20mA
0.131
-
-
y
IF=20mA
0.070
-
Thermal Resistance
RθJS_real
-
-
215
°C/W
RθJS_el
-
-
140
Green
(Dominant
Wavelength:
520~535nm)
Forward Voltage
VF
IF=20mA
3.15
-
V
Luminous Intensity
Iv
IF=20mA
1800
-
mcd
Chromaticity Coordinate
(Dominant Wavelength: 527nm)
x
-
IF=20mA
0.171
-
-
y
IF=20mA
0.720
-
Thermal Resistance
RθJS_real
-
-
165
°C/W
RθJS_el
-
-
140
Red
(Dominant
Wavelength:
618~628nm)
Forward Voltage
VF
IF=20mA
2.35
-
V
Reverse Current
IR
VR=5V
-
-
μA
Luminous Intensity
Iv
IF=20mA
950
-
mcd
Chromaticity Coordinate
(Dominant Wavelength: 623nm)
x
-
IF=20mA
0.695
-
-
y
IF=20mA
0.303
-
Thermal Resistance
RθJS_real
-
-
200
°C/W
RθJS_el
-
-
140
* Characteristics at TA=25°C.
* Luminous Intensity value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* Dominant Wavelength is for reference purpose.
* Thermal resistance values (RθJS_real) determined by considering the energy conversion efficiency (Blue: ηe=35%, Green: ηe=15%,
Red: ηe=30%). Refer to JESD51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com