Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM313AT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSM313AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
2
RANKS
Item
Rank
Min
Max
Unit
Blue
Forward Voltage
-
2.65
3.25
V
Reverse Current
-
-
-
μA
Luminous Intensity
BS(Dominant Wavelength: 464~475nm)
250
720
mcd
BU(Dominant Wavelength: 445~460nm)
150
430
Green
Forward Voltage
-
2.75
3.55
V
Reverse Current
-
-
-
μA
Luminous Intensity
GR(Dominant Wavelength: 520~535nm)
1000
2880
mcd
Red
Forward Voltage
-
2.15
2.55
V
Reverse Current
-
-
50
μA
Luminous Intensity
RS(Dominant Wavelength: 618~628nm)
600
1720
mcd
Color Ranks
Blue
Rank Vc
(Dominant Wavelength: 445~455nm)
x
0.1611
0.1566
0.1510
0.1610
0.1658
0.1695
y
0.0138
0.0177
0.0230
0.0400
0.0341
0.0294
Rank Vd
(Dominant Wavelength: 450~460nm)
x
0.1566
0.1510
0.1440
0.1560
0.1610
0.1658
y
0.0177
0.0230
0.0297
0.0490
0.0400
0.0341
Rank W1nc
(Dominant Wavelength: 464.0~472.5nm)
x
0.1370
0.1310
0.1240
0.1180
0.1370
0.1420
0.1470
0.1510
y
0.0370
0.0460
0.0580
0.0710
0.0950
0.0810
0.0680
0.0580
Rank W1nd
(Dominant Wavelength: 467~475nm)
x
0.1310
0.1240
0.1180
0.1100
0.1320
0.1370
0.1420
0.1470
y
0.0460
0.0580
0.0710
0.0870
0.1120
0.0950
0.0810
0.0680
Green
Rank G1h3
(Dominant Wavelength: 520~531nm)
x
0.1730
0.1210
0.1550
0.1776
0.2141
0.1970
y
0.6440
0.7440
0.7600
0.7600
0.6600
0.6590
Rank G1h4
(Dominant Wavelength: 523.5~535.0nm)
x
0.1852
0.1384
0.1550
0.1990
0.2310
0.1970
y
0.6516
0.7522
0.7600
0.7600
0.6610
0.6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com