Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3040F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR3040F
Description  30Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR3040F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR3040F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR3040F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR3040F~MBR30200F
Voltage 40V~ 100V
30Amp Schottky Barrier Rectifiers
16-Apr-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
Flame Retardant Epoxy Molding Compound
Metal Silicon Junction, Majority Carrier Conduction
Low Power Loss, High Efficiency
High current capability
For Use In Low Voltage, High Frequency Inverters
Free Wheeling, and Polarlity Protection Applications
MECHANICAL DATA
Case: ITO-220J Molded Plastic
Terminals: Solder Plated, Solderable Per MIL-STD-750
Method 2026
Polarity: As Marked
Mounting Position: Any
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Parameter
Symbol
MBR
3040F
MBR
3060F
MBR
30100F
MBR
30150F
MBR
30200F
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
100
150
200
V
Maximum Average Forward Current
IF(AV)
30
A
Peak Forward Surge Current @8.3ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
200
A
Maximum Forward Voltage @15A Per Leg
VF
0.7
0.8
0.85
0.92
V
TJ=25°C
0.05
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=125°C
IR
20
mA
Typical Thermal Resistance
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Part Number
Type
MBR3040F~MBR30200F
Lead (Pb)-free
MBR3040F-C~MBR30200F-C
Lead (Pb)-free and Halogen-free
A
M
J
K
L
L
G
F
B
N
D
E
C
H
ITO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.5
15.5
H
3.8 TYP.
B
9.5
10.5
J
1.30 REF.
C
13.20 REF.
K
0.3
0.9
D
4.24
4.84
L
2.54 REF.
E
2.52
3.20
M
2.70 REF.
F
2.50
2.90
N
φ 3.5 REF.
G
0.47
0.75


Similar Part No. - MBR3040F

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR3040FCT CTC-MBR3040FCT Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3040FCT PANJIT-MBR3040FCT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR3040FCT MCC-MBR3040FCT Datasheet
202Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR3040FCT KERSEMI-MBR3040FCT Datasheet
913Kb / 2P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR3040FCT CTC-MBR3040FCT Datasheet
187Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3040F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30FQ030 IRF-30FQ030 Datasheet
275Kb / 6P
30Amp Schottky Power Rectifiers
logo
SeCoS Halbleitertechnol...
SS3020 SECOS-SS3020 Datasheet
138Kb / 2P
30AMP Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
MBR30100CT CHENYI-MBR30100CT Datasheet
238Kb / 2P
30Amp schottky barrier rectifier 100volts
SBL3030CT CHENYI-SBL3030CT Datasheet
87Kb / 2P
30Amp schottky barrier rectifier 30to45 volts
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR30100E3 CYSTEKEC-MBR30100E3 Datasheet
159Kb / 4P
30Amp. Schottky Barrier Rectifiers
MBR30150E3 CYSTEKEC-MBR30150E3 Datasheet
158Kb / 4P
30Amp. Schottky Barrier Rectifiers
SKM3050CTE3 CYSTEKEC-SKM3050CTE3 Datasheet
510Kb / 5P
30Amp. MOS BARRIER RECTIFIER
SKM3045CTFP CYSTEKEC-SKM3045CTFP Datasheet
547Kb / 5P
30Amp. MOS BARRIER RECTIFIER
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com