Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS240P-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS240P-C
Description  2A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS240P-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS240P-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS240P-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS220P-C~SCS240P-C
Voltage 20V~40V
2A Schottky Barrier Rectifiers
Elektronische Bauelemente
30-Apr-2018 Rev. F
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering: 250°C for 10 Seconds at Term inals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable Per MIL-STD-202, Method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Parameter
Symbol
Part Number
Unit
SCS220P-C
SCS230P-C
SCS240P-C
Peak Repetitive Peak reverse voltage
VRRM
20
30
40
V
Working Peak Reverse Voltage
VRWM
20
30
40
V
Maximum DC Blocking Voltage
VR
20
30
40
V
Average Forward Current @TJ=25°C
I F(AV)
2
A
Peak Forward Current @8.3ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward
Voltage @TA=25°C
IFM=0.5A
VF
0.38
0.4
0.42
V
IFM=1A
0.45
0.47
0.5
IFM=2A
0.65
0.68
0.72
Maximum DC Reverse Current
@Rated DC Blocking Voltage, TJ=25°C
IR
1
mA
Typical Junction Capacitance
1
CJ
215
pF
Operating and Storage Temperature Range
TJ, TSTG
125, -55~150
°C
Note:
1. Measured at 1MHz and applied reverse voltage of 5V D.C.
Part Number
MARKING
SCS220P-C
SJ
SCS230P-C
SK
SCS240P-C
SL
Package
MPQ
Leader Size
SOD-123
3K
7 inch
Part Number
Type
SCS220P-C~SCS240P-C
Lead (Pb)-free and Halogen-free
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25


Similar Part No. - SCS240P-C

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS240AE2 ROHM-SCS240AE2 Datasheet
982Kb / 6P
SiC Schottky Barrier Diode
SCS240AE2C ROHM-SCS240AE2C Datasheet
561Kb / 6P
SiC Schottky Barrier Diode
SCS240AE2HR ROHM-SCS240AE2HR Datasheet
625Kb / 6P
SiC Schottky Barrier Diode
SCS240AE2HR ROHM-SCS240AE2HR Datasheet
982Kb / 6P
SiC Schottky Barrier Diode
SCS240AE2HR ROHM-SCS240AE2HR_17 Datasheet
982Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS240P-C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR202 FRONTIER-SR202 Datasheet
126Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SR202-LFR FRONTIER-SR202-LFR Datasheet
127Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SB2150 FRONTIER-SB2150 Datasheet
423Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
40V, 2A Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com