Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8235 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8235
Description  Inline communication terminal for serial data transmission
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8235 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8235 Datasheet HTML 9Page - PHOENIX CONTACT 8235 Datasheet HTML 10Page - PHOENIX CONTACT 8235 Datasheet HTML 11Page - PHOENIX CONTACT 8235 Datasheet HTML 12Page - PHOENIX CONTACT 8235 Datasheet HTML 13Page - PHOENIX CONTACT 8235 Datasheet HTML 14Page - PHOENIX CONTACT 8235 Datasheet HTML 15Page - PHOENIX CONTACT 8235 Datasheet HTML 16Page - PHOENIX CONTACT 8235 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IB IL RS UNI(-2MBD)-PAC
8235_en_01
PHOENIX CONTACT
13
12
Process data
The process image width of the terminal depends on the DIP
switch positions and comprises 7, 15 or 31 data words in input
and output direction respectively.
Figure 10
DIP switches
Example for the assignment of seven words of process data
The command is used to determine the function. The actually
transmitted data depends on the command.
21
Data length
ON
Switch 2
Switch 1
Data width
User data when
transmitting and
reading
OFF
OFF
7 words
11 bytes
OFF
ON
15 words
27 bytes
ON
OFF
31 words
59 bytes
ON
ON
Reserved
Reserved
For the assignment of the illustrated (byte.bit)
view to your INTERBUS control or computer
system, please refer to the
DB GB IBS SYS ADDRESS data sheet.
Word
01234
56
Byte in the Motor-
ola format
012345678
9
10
11
12
13
Byte in the Intel
format
103254769
8
11
10
13
12
OUT
K/P
S
L
DDD
DDDDDDDD
IN
K/P
S
L
DDD
DDDDDDDD
K/P
Command/parameter
S
Control bits (OUT) or status bits (IN)
L
Length: Number of characters to be written
(OUT) or to be read (IN)
DData
The byte representation in the Motorola format,
also called Big Endian (high order byte at start-
ing address) corresponds to the INTERBUS
standard representation. All byte representa-
tions in the data sheet have this format.
The byte representation in the Intel format is
also called Little Endian (low order byte at start-
ing address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com