Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8235 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8235
Description  Inline communication terminal for serial data transmission
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8235 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8235 Datasheet HTML 14Page - PHOENIX CONTACT 8235 Datasheet HTML 15Page - PHOENIX CONTACT 8235 Datasheet HTML 16Page - PHOENIX CONTACT 8235 Datasheet HTML 17Page - PHOENIX CONTACT 8235 Datasheet HTML 18Page - PHOENIX CONTACT 8235 Datasheet HTML 19Page - PHOENIX CONTACT 8235 Datasheet HTML 20Page - PHOENIX CONTACT 8235 Datasheet HTML 21Page - PHOENIX CONTACT 8235 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IB IL RS UNI(-2MBD)-PAC
8235_en_01
PHOENIX CONTACT
21
Byte 12 und 13 (Tv, Tn: lead time, lag time)
These two times are used for the RS-232 protocol
The times are specified with a resolution of 1 ms. This allows
for waiting times of 1 ms ... 255 ms.
When transmitting data via RS-232 the RTS signal is set. If Tv
does not equal 0, transmission only starts after this time has
elapsed. After all the data is sent and Tn does not equal 0, the
RTS signal is only set to LOW after this time has elapsed.
15
PCP communication
15.1
General information
By default upon delivery, the terminal is configured according
to the default settings (under configuration). The terminal can
be configured using process data or PCP to suit your applica-
tion.
In PCP mode, the terminal is configured with the "Config Ta-
ble" object.
Tv
Lead time
Tn
Lag time
For information on PCP communication,
please refer to the PCP user manuals (see Or-
dering data).
The programs IBS CMD (for standard control-
ler boards) and PC WorX (for Controllers (ILC),
Field Controllers (FC) and Remote Field Con-
trollers (RFC)) are available for the configura-
tion and parameterization of your INTERBUS
system.
For additional information, please refer to the
documentation of the software used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com