Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS1007984 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # CAS1007984
Description  CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

CAS1007984 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  CAS1007984 Datasheet HTML 1Page - Switchcraft, Inc. CAS1007984 Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.43
61.6
0.716
18.19
REF
0.218
5.54
REF
0.56
14.2
0.080 (2.0MM)
REF
1.44
36.7
79.0±3.0
2007±76
0.50±0.06
12.7±1.5
0.25±0.06
6.4±1.5
0.20 [5.1]
CABLE UNSHIELDED
BLACK PVC JACKET
0.56
14.2
761KS - 0.100 (2.5MM) REF
767KS - 0.084 (2.1MM) REF
S761KS - 0.080 (2.0MM) REF
2.18
55.4
0.474
12.04
REF
0.218
5.54
REF
7/16-32 THREAD
FLOATING
LOCK RING
0.56
14.2
0.080 (2.0MM)
REF
0.218
5.54
REF
2.43
61.6
0.716
18.19
REF
5/16-32 THREAD
FLOATING
LOCK RING
S10KS SERIES
SEALED HI-AMP PLUG
S10 SERIES NON-SEALED
NON-LOCKING HI-AMP PLUG
C A
0 7 9 8 4
CABLE ASSEMBLY
761KS - SEALED 0.100 (2.5MM) ID
767KS - SEALED 0.084 (2.1MM) ID
S761KS - SEALED 0.080 (2.0MM) ID
S10KS- HI AMP - SEALED 0.080(2.0MM) ID
S10 - HI AMP NON-SEALED - 0.080(2.0MM) ID NON-LOCKING
760 - DC POWER PLUG 0.100 (2.5MM) ID NON-LOCKING
762 - DC POWER PLUG 0.084 (2.1MM) ID NON-LOCKING
S760 - DC POWER PLUG 0.080 (2.0MM) ID NON-LOCKING
760K - DC POWER PLUG 0.100 (2.5MM) ID LOCKING
761K - DC POWER PLUG 0.100 (2.5MM) ID LOCKING
762K - DC POWER PLUG 0.084 (2.1MM) ID LOCKING
767K - DC POWER PLUG 0.084 (2.1MM) ID LOCKING
S760K - DC POWER PLUG 0.080 (2.0MM) ID LOCKING
S761K - DC POWER PLUG 0.080 (2.0MM) ID LOCKING
79 INCHES (2 METERS) OF CABLE
STANDARD AND SEALED PLUGS - 2 CONDUCTOR 20 AWG
HI - AMP PLUGS - 2 CONDUCTOR 16 AWG
STRIP AND TIN
1/2 INCH BY 1/4 INCH
761KS, 767KS, AND S761KS SERIES
SEALED PLUGS
STRIP AND TIN
C
WIRING TABLE
POWER PLUG
WIRE COLOR
TIP
RED
SLEEVE
BLACK
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
A
27477
4/2/15
TJK
TJK
1.25:1
3/19/15
AB
AB
3/19/15
TJK
4/2/15
1
2
CABLE ASSEMBLY - MOLDED
STRAIGHT POWER PLUGS, RoHS
CA____07984
C
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
SolidWorks CAD File
CUSTOMER DRAWING
11-30-15
TJK
B
27615
TO
C
27930
TJK
PC
08-17-17


Similar Part No. - CAS1007984

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
More results

Similar Description - CAS1007984

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2239 POMONA-2239 Datasheet
33Kb / 1P
Single Stacking Banana Plugs Both Ends Cable Assembly
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
31-5800 AMPHENOL-31-5800 Datasheet
53Kb / 1P
Cable Plugs
logo
Tyco Electronics
2-1437426-5 MACOM-2-1437426-5 Datasheet
1Mb / 29P
Straight Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Amphenol Corporation
901-9511-1SFC AMPHENOL-901-9511-1SFC Datasheet
57Kb / 1P
Straight Cable Plugs
logo
Switchcraft, Inc.
35HR07284X SWITCH-35HR07284X Datasheet
92Kb / 3P
MOLDED CABLE ASSEMBLIES 3.5 mm with Plugs
CARA761KS07984 SWITCH-CARA761KS07984 Datasheet
193Kb / 2P
CABLE ASSEMBLY - MOLDED RIGHT ANGLE POWER PLUGS, RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com