Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS1007984 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # CAS1007984
Description  CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

CAS1007984 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  CAS1007984 Datasheet HTML 1Page - Switchcraft, Inc. CAS1007984 Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.83
46.4
0.374
9.50
REF
0.218
5.54
REF
0.56
14.2
760 - 0.100 (2.5MM) REF
762 - 0.084 (2.1MM) REF
S760 - 0.080 (2.0MM) REF
0.56
14.2
760K - 0.100 (2.5MM) REF
762K - 0.084 (2.1MM) REF
S760K - 0.080 (2.0MM) REF
0.374
9.50
REF
2.08
52.9
0.218
5.54
REF
5/16-32 THREAD
FLOATING
LOCK RING
0.56
14.2
761K - 0.100 (2.5MM) REF
767K - 0.084 (2.1MM) REF
S761K - 0.080 (2.0MM) REF
0.474
12.04
REF
2.18
55.4
0.218
5.54
REF
5/16-32 THREAD
FLOATING
LOCK RING
760, 762, AND S760 SERIES
NON-LOCKING POWER PLUGS
760K, 762K, AND S760K SERIES
LOCKING POWER PLUG
761K, 767K, AND S761K SERIES
LOCKING POWER PLUGS
C
C
C
DRAWN BY
REV
PART No.
OF
SHEET
DATE DRAWN
SCALE
1.25:1
08/02/17
ALM
CA_____07984
C
2
2
SolidWorks CAD File B
CUSTOMER DRAWING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com