Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70-9155 Datasheet(PDF) 3 Page - AVX Corporation

Part # 70-9155
Description  Low Profile Single Contact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

70-9155 Datasheet(HTML) 3 Page - AVX Corporation

  70-9155 Datasheet HTML 1Page - AVX Corporation 70-9155 Datasheet HTML 2Page - AVX Corporation 70-9155 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONNECT
INTER
108
061418
70-9155-001-615-006
NOMINAL WORKING HEIGHT 1.50MM
NOTES:
1.
9155 LOW PROFILE CONTACT, WORKING HEIGHT 1.25MM TO 1.75MM.
2.
FOR FULL DETAILS REFER TO PRODUCT SPECIFICATION 201-01-153 AND
APPLICATIONS NOTES 201-01-154.
3.
MATERIAL: COPPER ALLOY 0.2MM THICK.
4.
PLATING: NICKEL ALL OVER WITH GOLD ON CONTACT NOSE AND TIN ON THE
REMAINDER. PARTS TO BE PACKED IN TAPE AND REEL. QTY PER REEL 3000.
5.
OUTLINE OF CONNECTOR, ORIENTATION END “A”.
6.
AREA TO KEPT FREE OF SOLDER RESIST, FURTHER INFORMATION IN
APPLICATION NOTES.
7.
AREA BETWEEN PADS TO BE KEPT CLEAR OF TRACKS AND COMPONENTS.
8.
SMT PADS PLATED TIN.
9.
MATING PAD PLATED GOLD OVER NICKEL.
FULLY DEFLECTED
CONTACT
SUGGESTED MATING
PCB LAYOUT
SUGGESTED SMT
PCB LAYOUT
PACKING DETAILS
Low Profile Single Contact
70-9155



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com