Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70-9155 Datasheet(PDF) 1 Page - AVX Corporation

Part # 70-9155
Description  Low Profile Single Contact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

70-9155 Datasheet(HTML) 1 Page - AVX Corporation

  70-9155 Datasheet HTML 1Page - AVX Corporation 70-9155 Datasheet HTML 2Page - AVX Corporation 70-9155 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONNECT
INTER
106
061418
Low Profile Single Contact
70-9155
Designers for ruggedized connectors to meet harsh environments continue to look
for new products which will reduce size and cost without jeopardizing
performance. The new Ultra-Low Profile (ULP) compression contact from AVX
surface mounts to a PCB and provides a reliable compression connection to the
mating board, even under extreme shock and vibration applications. With over 20
years of 1-Piece compression contact experience, this innovative contact offers full
connector performance functionality at the individual contact level. Thus, allowing
single contacts to be placed in any location or position on a PCB.
The high force beryllium copper contact is gold plated to maximize reliability and
signal integrity. The current offering has two contacts with nominal heights of
1.0mm and 1.5mm. Add in the “Z” axis tolerance range and the compressed height
covers 0.75mm up to 1.75mm. The contacts are supplied in tape and reel for easy
SMT placement.
ELECTRICAL
• Current Rating: 3 Amps
• Voltage Rating: UL 300V
Based on placement distance
9155
Series
70
Prefix
001
Number
of Ways
HOW TO ORDER
61X
Contact Description
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Contact Material: Beryllium Copper
• Contact Plating: Gold over Nickel
• Durability: 50, 500 and 1000 cycles
FEATURES AND BENEFITS
• Reliable gold plated Beryllium Copper contacts for high cycle life
and signal integrity up to 1000 cycles
• Tape and reel packaged for automated SMT placement
• Sweeping beam design for pluggable/module applications
• Three gold plating options to match end product environmental or
expected life requirements
APPLICATIONS
• Industrial/Ruggedized handheld or portable
devices
• BTB connection for any traditional power or
signal application
• Ground connections between PCB’s or
housings
Code
Nominal
Contact Operating
Operating Height
Height Range
610
1.00mm
0.75mm to 1.25mm
615
1.50mm
1.25mm to 1.75mm
00X
Contact Description
Code
Gold
Description
Availability
Thickness
004
0.1µm
Nickel under Plate, Gold on Nose
Standard
Tin on Remainder
006
0.4µm
Nickel under Plate, Gold on Nose
Special
Tin on Remainder
Order
008
0.8µm
Nickel under Plate, Gold on Nose
Special
Tin on Remainder
Order
Certification: UL File #E90723


Similar Part No. - 70-9155

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
70-9155610004 AVX-70-9155610004 Datasheet
162Kb / 3P
Single Compression Contact: Board-to-Board (BTB)
70-9155610006 AVX-70-9155610006 Datasheet
162Kb / 3P
Single Compression Contact: Board-to-Board (BTB)
70-9155610008 AVX-70-9155610008 Datasheet
162Kb / 3P
Single Compression Contact: Board-to-Board (BTB)
70-9155615004 AVX-70-9155615004 Datasheet
162Kb / 3P
Single Compression Contact: Board-to-Board (BTB)
70-9155615006 AVX-70-9155615006 Datasheet
162Kb / 3P
Single Compression Contact: Board-to-Board (BTB)
More results

Similar Description - 70-9155

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
Low Profile Compact Size / High Contact Capacity
logo
EPCOS
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
logo
Allied Components Inter...
ARLP11-3646 ALLIED-ARLP11-3646 Datasheet
620Kb / 2P
Single Port Low Profile RJ45
ARLP11-3647 ALLIED-ARLP11-3647 Datasheet
612Kb / 2P
Single Port Low Profile RJ45
logo
Major League Electronic...
LSMBC-1-DV MAJOR-LEAGUE-LSMBC-1-DV Datasheet
110Kb / 2P
.100cl Low Profile - Verticla Surface Mount Box Contact
logo
Allied Components Inter...
ARLP11-4321 ALLIED-ARLP11-4321 Datasheet
703Kb / 2P
Single Port Low Profile RJ45
logo
AVX Corporation
709155001610004 AVX-709155001610004 Datasheet
419Kb / 3P
Low Profile Single Contact
logo
Wurth Elektronik GmbH &...
686115183422 WURTH-686115183422 Datasheet
231Kb / 5P
WR-FPC 1.00mm SMT Horizontal Top Contact - Low Profile
logo
TOCOSAMERICA, INC.
RSM011 TOCOS-RSM011 Datasheet
407Kb / 5P
Low Profile, Single Output, Non-Contact Angle/Position Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com