Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8556 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 8556
Description  AXL E S3 DI16 M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8556 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 8556 Datasheet HTML 4Page - PHOENIX CONTACT 8556 Datasheet HTML 5Page - PHOENIX CONTACT 8556 Datasheet HTML 6Page - PHOENIX CONTACT 8556 Datasheet HTML 7Page - PHOENIX CONTACT 8556 Datasheet HTML 8Page - PHOENIX CONTACT 8556 Datasheet HTML 9Page - PHOENIX CONTACT 8556 Datasheet HTML 10Page - PHOENIX CONTACT 8556 Datasheet HTML 11Page - PHOENIX CONTACT 8556 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AXL E S3 DI16 M12 6M
8556_en_04
PHOENIX CONTACT
8
6
Pin assignment
6.1
Sercos and power supply connection
Figure 2
Connections for Sercos and power supply
6.2
Sercos pin assignment
Figure 3
Pin assignment, D-coded
6.3
Pin assignment of the power supply U
S/UA
Figure 4
Pin assignment of the power supply, T-coded
Designation
Meaning
Port 1 (X21)
Ethernet port 1
Port 2 (X22)
Ethernet port 2
U
S IN (X31)
Power supply IN (logic and sensors)
U
A IN (X31)
Power Supply IN (actuators)
for additional devices
U
S OUT (X32)
Power supply OUT
for additional devices
U
A OUT (X32)
Power supply OUT
for additional devices
Ground the device by means of the mounting
screws of the fixing clips or the mounting plate
or the DIN rail.
Port 1
Port 2
Pin
Ethernet port 1
(X21)
Ethernet port 2
(X22)
1TX+
TX+
2RX+
RX+
3TX-
TX-
4RX-
RX-
The shield is connected to FE in the device.
The thread is used for additional shielding.
Pin
IN
OUT
Conductor
colors
1+24 V DC (U
S)
+24 V DC (U
S)Brown
2GND (U
A)GND (UA)White
3GND (U
S)GND (US)Blue
4+24 V DC (U
A)
+24 V DC (U
A)Black
1
2
3
4
X21
2
3
4
1
X22
X32
X31
4
3
2
1
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com