Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8556 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8556
Description  AXL E S3 DI16 M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8556 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8556 Datasheet HTML 14Page - PHOENIX CONTACT 8556 Datasheet HTML 15Page - PHOENIX CONTACT 8556 Datasheet HTML 16Page - PHOENIX CONTACT 8556 Datasheet HTML 17Page - PHOENIX CONTACT 8556 Datasheet HTML 18Page - PHOENIX CONTACT 8556 Datasheet HTML 19Page - PHOENIX CONTACT 8556 Datasheet HTML 20Page - PHOENIX CONTACT 8556 Datasheet HTML 21Page - PHOENIX CONTACT 8556 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AXL E S3 DI16 M12 6M
8556_en_04
PHOENIX CONTACT
21
19.1
Assignment of the terminal points to the IN process data (S-0-1503.0.09)
The data is mapped as follows:
Key:
19.2
Assignment of the DIAGIN process data (S-0-1502.0.17/S-0-1503.0.17)
4 bytes of DIAG IN data are available per function group.
Input process data (S-0-1503.0.09)
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Input of the device
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics and sensors (U
S)
Reserved
Reserved
Undervoltage
Overload
Reserved
Not all diagnostic data are mapped in the process data, see chapter "Diagnostics: I/O and channel errors".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com