Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT 8563 Datasheet HTML 21Page - PHOENIX CONTACT 8563 Datasheet HTML 22Page - PHOENIX CONTACT 8563 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
20
18
Substitute value behavior
The Axioline E Sercos devices support the substitute value behavior for outputs. If Sercos communication fails, all device out-
puts are set to the parameterized substitute values. The configuration and behavior of the substitute values can be defined
via parameters S-0-1502.0.02 and S-0-1502.0.22.
The following substitute values are supported:
Substitute
value
Description
Configuration
Reset all
All outputs are set to “0”.
S-0-1502.0.02 “Configuration of IO FG” bit 6 = 0 (fallback)
and S-0-1502.0.22 “Fallback value output” with the value “0”
parameterized for all process data bits.
Set all
All outputs are set to “1”.
S-0-1502.0.02 “Configuration of IO FG” bit 6 = 0 (fallback)
and S-0-1502.0.22 “Fallback value output” parameterized
with the value “1” for all process data bits.
Hold last value
All outputs keep the last value.
If S-0-1502.0.02 “Configuration of IO FG” bit 6 = 1 (freeze) is
parameterized.
Switch replace-
ment value
All outputs are set to an application-spe-
cific, parameterized value.
S-0-1502.0.02 “Configuration of IO FG” bit 6 = 0 (fallback)
and S-0-1502.0.22 “Fallback value output” are parameter-
ized with the application-specific value for all process data
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com