Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8563 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8563
Description  AXL E S3 DI8 DO4 2A M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8563 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8563 Datasheet HTML 15Page - PHOENIX CONTACT 8563 Datasheet HTML 16Page - PHOENIX CONTACT 8563 Datasheet HTML 17Page - PHOENIX CONTACT 8563 Datasheet HTML 18Page - PHOENIX CONTACT 8563 Datasheet HTML 19Page - PHOENIX CONTACT 8563 Datasheet HTML 20Page - PHOENIX CONTACT 8563 Datasheet HTML 21Page - PHOENIX CONTACT 8563 Datasheet HTML 22Page - PHOENIX CONTACT 8563 Datasheet HTML 23Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6P
8563_en_04
PHOENIX CONTACT
21
19
Diagnostics: I/O and channel errors
Sercos enables the Sercos device to store diagnostic infor-
mation together with the error location and error type.
Diagnostic messages are enabled by default, but can be dis-
abled via a parameter on startup.
The Sercos master is informed that diagnostic information
that has been entered.
If at least one item of diagnostic information has been
stored, this is indicated by the S and SD LEDs.
The following Sercos diagnostic messages are indicated by
the Sercos slave:
–
Overtemperature of the device
–Surge voltage of U
S
–
Overload of U
S
–Surge voltage of U
A
–
Undervoltage of U
A
–
Short-circuit or overload of an output
I/O and channel errors are mapped in the following diagnos-
tic IDNs according to Sercos specifications.
20
Mapping the I/Os to Sercos
The device has just one Sercos module and therefore only
has one structure instance 0.
The I/Os are assigned to the structure instances and
IO function groups according to the Sercos IO profile.
The following function groups are defined:
The cyclical data of the Sercos device is mapped to the
IDNs S-0-1502 and S-0-1503 according to FSP_IO.
The device supports the following IDNs as configurable
data:
IDN
Description
S-0-0095
Diagnostic message
S-0-0390
Diagnostic number
S-1500.0.32
IO diagnostic message
S-1500.0.33
Current IO diagnostic message
S-1303.0.10
Diagnostic trace buffer no 1
S-1303.0.11
Diagnostic trace buffer no 2
S-1303.0.12
Diagnostic trace buffer no 3
Function group
(FG_IO)
Name
S-0-1502
IO function group digital output
S-0-1503
IO function group digital input
In a producer connection
In a consumer connection
S-0-1500.0.2
S-0-1500.0.1
S-0-1500.0.9
S-0-1500.0.1
FG_IO.x.9
FG_IO.x.5
FG_IO.x.13
FG_IO.x.11
S-0-0390
S-0-0390
This information is stored in:
S-0-0187
S-0-0188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com