Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT1490A Datasheet(PDF) 1 Page - TEMEX

Part # RHT1490A
Description  Low noise C?륱AN radios, Microwave links and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RHT1490A Datasheet(HTML) 1 Page - TEMEX

  RHT1490A Datasheet HTML 1Page - TEMEX RHT1490A Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH FREQUENCY ULTRA STABLE TCXO 
| LOW JITTER AND PHASE NOISE 
 
 
www.rakon.com 
sales@rakon.com 
Page 1 of 2 
 
RHT1490A 
The RHT1490A is a high frequency, low noise TCXO that delivers world class telecommunications grade stability with low RMS phase jitter. 
This  product’s  frequency  output  enables  lower  system  jitter,  allowing  communication  system  architects  to  optimise  noise  budget  and 
performance.  With  a  frequency  stability  performance  of  ±0.25  ppm,  its  CMOS  output  generates  <  200  fs  of  RMS  phase  jitter  (for  a  
98.304 MHz device, bandwidth 12 kHz – 20 MHz). The RHT1490A strikes the optimal balance between close‐in phase noise and the noise 
floor,  making  it  suited  to  be  the  single  reference  clock  used  for  both  network  and  air  interface  requirements.  Its  ultra‐low  noise  floor 
performance helps to achieve very low system clock RMS jitter levels needed in high speed interfaces. 
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
50 – 
204.8 
 
MHz 
Standard frequencies: 92.16, 98.304, 100, 122.88, 
125, 156.25, 153.6, 163.84, 166.65,  204.8 MHz  
Frequency calibration  
 
 
±1.0 
ppm 
Initial accuracy at 25°C ±2°C 
Reflow shift 
 
 
±1.0
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes 
after reflow) 
Operating temperature range ‐40  
85 
°C  
Frequency stability over temperature 
 
 
±0.25 
ppm 
Reference to (FMAX + FMIN)/2 
Frequency slope  
 
±0.1 
ppm/°C 
Minimum of 1 frequency reading every 2°C, over 
the operating temperature range 
Supply voltage stability 
 
 
±0.1 
ppm 
±5% variation, reference to frequency at 3.3 V 
Load sensitivity  
 
±0.1 
ppm 
±5pF variation, reference to frequency at 5 pF 
Long term stability (ageing) 
 
 
±1.5 
±2 
±4 
ppm 
 
1 year 
3 years 
10 years 
Acceleration sensitivity  
2  
ppb/g 
Gamma vector, 3 axes, 30‐1500 Hz 
Start‐up time 
 
 
1 
ms 
90% amplitude 
Supply voltage (VDD )  
3.3 
2.5 
 
V 
±5%, Fn = 50 – 160 MHz 
±5%, Fn = 160 – 204.8 MHz 
Supply current  
 
 
14 
mA 
5pF//1kΩ, 100MHz 
Control voltage range   
0.25 
0.65 
 
2.25 
2.65 
V 
VDD = 2.5 V (Frequency at Vc = 1.25 V) 
VDD = 3.3 V (Frequency at Vc = 1.65 V) 
Frequency tuning  
±5 
 
±10 
ppm 
Frequency shift from min/max to mid Vc 
Frequency tuning linearity  
 
5 
% 
Deviation from straight line curve fit 
Input impedance 
100 
 
 
kΩ 
 
Oscillator output ‐ CMOS 
Output voltage level low (VOL) 
Output voltage level high (VOH) 
Rise time 
Fall time 
Duty cycle 
Load 
 
 
80% 
 
 
45 
 
 
 
 
1.2 
1.2 
 
5 
 
20% 
 
1.5 
1.5 
55 
10 
 
VDD 
VDD 
ns 
ns 
% 
pF 
 
With capacitive load of 5 pF, 100M Hz 
With capacitive load of 5 pF, 100 MHz 
Measured 20% to 80% VDD , 5 pF load, 100 MHz 
Measured 80% to 20% VDD , 5 pF load, 100 MHz 
Measured at 50% VDD trigger level, 100 MHz 
Features 
Applications  
14.4 x 9.2 x 4.7
 mm 
Stability as low as ±0.25 ppm 
Low jitter 200 fs (12 kHz to 20 MHz) 
High frequency from 50 – 204.8 MHz 
Patented “Tilt Compensation” to guarantee 
performance for life of equipment 
Inherent airflow resistance 
Sync PLL Embedded Switches 
Designs requiring low noise 
ITU‐T G.813 and G.8262 
Low noise C‐RAN radios, Microwave 
links and Small Cells 
Radio head Clock Recovery  
(IEEE 1588/SyncE) 
10/25/40G Ethernet 
 
 
 
 


Similar Part No. - RHT1490A

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RHT1490A RAKON-RHT1490A Datasheet
486Kb / 2P
HIGH FREQUENCY ULTRA STABLE TCXO | LOW JITTER AND PHASE NOISE
14 August 2023
More results

Similar Description - RHT1490A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
Microwave Radios
logo
Micross Components
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
Microwave & MM W Radios
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
18 and 23 GHz Microwave Radios
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
Microwave & VSAT Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
Point to point microwave radios
Rev. 0
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
High Linearity Microwave Radios
HMC1119 AD-HMC1119 Datasheet
611Kb / 16P
Microwave radios and very small aperture terminals
Rev. 0
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
Local Oscillator for Microwave Radios
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com