Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6487 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor 2N6487 Datasheet HTML 7Page - ON Semiconductor 2N6487 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
2
80
40
20
0
20
40
80
100
120
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
60
TA TC
4.0
2.0
1.0
3.0
0
60
140
TA
TC
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com