Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6487 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6487
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6487 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6487 Datasheet HTML 1Page - ON Semiconductor 2N6487 Datasheet HTML 2Page - ON Semiconductor 2N6487 Datasheet HTML 3Page - ON Semiconductor 2N6487 Datasheet HTML 4Page - ON Semiconductor 2N6487 Datasheet HTML 5Page - ON Semiconductor 2N6487 Datasheet HTML 6Page - ON Semiconductor 2N6487 Datasheet HTML 7Page - ON Semiconductor 2N6487 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N6487 2N6488 2N6490 2N6491
http://onsemi.com
3
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
2N6487, 2N6490
2N6488, 2N6491
VCEO(sus)
60
80
—
Vdc
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, VBE = 1.5 Vdc)
2N6487, 2N6490
2N6488, 2N6491
VCEX
70
90
—
—
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
2N6487, 2N6490
(VCE = 40 Vdc, IB = 0)
2N6488, 2N6491
ICEO
—
—
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 65 Vdc, VEB(off) = 1.5 Vdc)
2N6487, 2N6490
(VCE = 85 Vdc, VEB(off) = 1.5 Vdc)
2N6488, 2N6491
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6487, 2N6490
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
2N6488, 2N6491
ICEX
—
—
—
—
500
500
5.0
5.0
µAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
—
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
150
—
—
Collector–Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 0.5 Adc)
(IC = 15 Adc, IB = 5.0 Adc)
VCE(sat)
—
—
1.3
3.5
Vdc
Base–Emitter On Voltage
(IC = 5.0 Adc, VCE = 4.0 Vdc)
(IC = 15 Adc, VCE = 4.0 Vdc)
VBE(on)
—
—
1.3
3.5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 1.0 Adc, VCE = 4.0 Vdc, ftest = 1.0 MHz)
fT
5.0
—
MHz
Small–Signal Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
25
—
—
*Indicates JEDEC Registered Data.
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
(2) fT = |hfe| • ftest.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com