Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-FREQCON Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SC-FREQCON
Description  Frequency To Analogue Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SC-FREQCON Datasheet(HTML) 1 Page - Cynergy3 Co

  SC-FREQCON Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2017 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
SC-FRQCON 2017
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Made in the UK
SC-FREQCON
Frequency To Analogue Converter
Very High Accuracy
Wide Range of Input Types
Ultra-Compact, only 12.5mm Wide
0 – 250kHz User - Configurable Input Stage
Isolated 4-20mA or Voltage output
Low Cost of Ownership
The SC-FREQCON is a frequency to
analogue converter which can be
configured using switches to perform any
frequency to analogue converting function.
The range of frequency input available is
0–250kHz and any offset can be introduced
on the input. The input can be averaged
over a period between 0 and 45 seconds
with a quickstep option available to
respond quickly to sudden changes in input
frequency.
Typical applications include the conversion
and linearisation of the frequency output
from a turbine meter, or the conversion of
an optical sensor on rotating machinery to
a 4-20mA output of r.p.m.
The operational status of the unit is
indicated by the front panel LED. The unit
can be powered by any supply from 12- 36
Vdc and 12-32Vac.
General Specifications
The inputs types and ranges included below are our standard ones. Please contact our sales
department for details on any application not specified below.
2-Wire Proximity
Volt Free Contact
Open Collector NPN or PNP
5V Logic TTL
24V Logic
Inductive / Magnetic Pickup
Outputs
DC Current (Source or Sink) and Voltage
0-20mA, 4-20mA, 0-10mA into 750
maximum.
Ω
0-1V, 0-10V, 1-5V into a minimum 100k
Ω
Technical Specifications
Parameter
Min
Typ
Max
Comments
Supply Voltage
12V
24V
36V
Supply Current (mA)
110
134
Max with 22V supply at 24mA
Input Voltage Logic 0
-30V
+0.1V
Input Voltage Logic 1
+0.1V
+30V
Frequency Resolution
1.333µS
Overall Accuracy
±0.01%
±0.06%
Input to Analogue Output
Input Accuracy
±0.01%
Temp Coefficient
±50ppm/ºC
Load Resistance Error
±5ppm/
0 < RL < 750 (mA output)
ΩΩ
Time Constant (10-90%)
50mS
60mS
Operating Ambient
0ºC
55ºC
Relative Humidity
0%
90%
Isolation Voltage
1kV
Surge Voltage
2.5kV for 50µS
Transient of 10kV/µS
Notes
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
Device is protected against reverse polarity connection.
Accuracy figures based on an ambient temperature of 20ºC.
The Time Constant is dependent on which processing options are been selected and the applied frequency.
Installation Data
Mounting
DIN Rail TS35
Orientation
Any
Connections
Screw Clamp with pressure plate
Conductor Size
0.5-4.0mm
Insulation Stripping 12mm
Weight
Approx 95g
Max tTerminal Torque 0.4Nm
Ordering Information
Part No.: SC-FREQCON
Connection Details
1. Power supply -ve
2. Power supply +ve
7. Input Ground
9. Frequency Input +ve
10. +8V or +24V Transmitter supply
4. Output -ve
5. Output +ve


Similar Part No. - SC-FREQCON

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-0 ETC-SC-0 Datasheet
3Mb / 50P
Standard electromagnetic contactor, switch
SC-0002 ETC2-SC-0002 Datasheet
69Kb / 1P
SC CATALOG
logo
Vaishali Semiconductor
SC-0002 VAISH-SC-0002 Datasheet
69Kb / 1P
SC CATALOG
logo
List of Unclassifed Man...
SC-01 ETC1-SC-01 Datasheet
1Mb / 41P
Speech Synthesizer
logo
LEM
SC-01-06G LEM-SC-01-06G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
More results

Similar Description - SC-FREQCON

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
VOLTAGE-TO-FREQUENCY CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
LIGHT-TO-FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
LM2907-N TI1-LM2907-N_15 Datasheet
2Mb / 31P
Frequency to Voltage Converter
logo
Black Box Registered Tr...
ED-560 BLACKBOX-ED-560 Datasheet
1Mb / 6P
Ethernet to Analogue I/O
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com