Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOL2B4 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SOL2B4
Description  Industrial Solenoid Valves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SOL2B4 Datasheet(HTML) 1 Page - Cynergy3 Co

  SOL2B4 Datasheet HTML 1Page - Cynergy3 Co SOL2B4 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOL Series
Industrial Solenoid Valves
The OL Series is a range of 2-way solenoid valves which are pilot-
S
operated and are available in a choice of 110Vac, 230Vac or 24Vdc
coils to suit the required voltage.
Ideal for
and commercial
use in a wide range of industrial
applications such as autoclaves, cooling plant and equipment,
watering plant, fire extinguishing systems, hygienic & sanitary
applications as well as water jet machinery and many other fluid
control uses.
Pilot operated
Full range of sizes from 3/8" to 2" (BSP)
For liquid or gas* use
24Vdc, 110Vac and 230Vac operations available
Brass body
2 port, normally open (NO) and normally closed (NC) versions
www.cynergy3.com
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
SOL 2018
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
General Features
The electro-pilot of the pilot-operated solenoid valves is not directly responsible for opening (closing) the solenoid valve. The solenoid valve
presents three sequential chambers :
- inlet chamber Ci (upstream of the diaphragm)
- compensating chamber Cc (downstream of the diaphragm and upstream of the electro-pilot)
- outlet chamber Cu(downstream of the electro-pilot).
In the 2/2-way normally closed (NC) solenoid valve, Ci & Cc are communicating by means of a compensating hole when the coil is de-
energised. Therefore, the diaphragm is in a condition of balanced pressure level and DN tightness is ensured by the retaining spring load from
the same diaphragm.
When the coil is energised by acting on the electro-pilot, there is and immediate communication between Cc and Cu; the sudden increase in
volume of the pressurised fluid over the diaphragm (Cc+Cu>Ci) causes a pressure drop.
The diaphragm is no longer in a condition of balanced pressure level and it swells up in the higher pressure direction thus raising up and
opening the DN to let the fluid flow.
Body material
Forged brass
Electrical insulation class
I
Plunger
Magnetic stainless steel Temperature class
H
Gaskets
NBR
Protection Class (with connector)
IP65
Troom Maximum
80°C
Type of service
Continuous
Tfluid Minimum
-20°C
Coil approval
VDE
Tfluid Maximum
90°C
Mechanical Characteristics
Electrical Characteristics
* Group 2 gases.


Similar Part No. - SOL2B4

ManufacturerPart #DatasheetDescription
logo
Eravant
SOL-24307-42-GV ERAVANT-SOL-24307-42-GV Datasheet
259Kb / 3P
K-Band Volume Production Varactor Tuned Oscillator, 24 GHz, 7 dBm
Rev. 1.1
SOL-24311-42-G1 ERAVANT-SOL-24311-42-G1 Datasheet
250Kb / 2P
K-Band Volume Production Oscillator
Rev 1.2
SOL-24314-42-G1 ERAVANT-SOL-24314-42-G1 Datasheet
247Kb / 2P
K-Band Volume Production Oscillator
Rev. 1.2
SOL-24318-42-G1 ERAVANT-SOL-24318-42-G1 Datasheet
251Kb / 2P
K-Band Volume Production Oscillator
Rev. 1.1
SOL-30315-28-G1 ERAVANT-SOL-30315-28-G1 Datasheet
318Kb / 2P
Ka-Band Volume Production Oscillator, 30 GHz, 15 dBm
Rev. 1.2
More results

Similar Description - SOL2B4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Sensortechnics GmbH
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
12 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
16 mm isolated diaphragm solenoid valves
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
Inert isolation soleniod valves
X103SFB SENSORTECHNICS-X103SFB Datasheet
91Kb / 4P
8 mm switching soleniod valves
logo
Ralston Instruments.
DP0V-0040 RALSTON-DP0V-0040 Datasheet
315Kb / 1P
DP0V pressure check valves, brass
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
List of Unclassifed Man...
SS-R4M8F8-EP ETC-SS-R4M8F8-EP Datasheet
96Kb / 1P
Proportional Relief Valves, High Pressure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com