Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOL2B4 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # SOL2B4
Description  Industrial Solenoid Valves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SOL2B4 Datasheet(HTML) 2 Page - Cynergy3 Co

  SOL2B4 Datasheet HTML 1Page - Cynergy3 Co SOL2B4 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOL Series
Industrial Solenoid Valves
www.cynergy3.com
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
DN CH.A
B
C
E
F
L
H
Min
Max
SOL1A1
NO
SOL1B1
NC
SOL1A3
NO
SOL1B3
NC
SOL1A4
NO
SOL1B4
NC
SOL2A1
NO
SOL2B1
NC
SOL2A3
NO
SOL2B3
NC
SOL2A4
NO
SOL2B4
NC
SOL3A1
NO
SOL3B1
NC
SOL3A3
NO
SOL3B3
NC
SOL3A4
NO
SOL3B4
NC
SOL4A1
NO
SOL4B1
NC
SOL4A3
NO
SOL4B3
NC
SOL4A4
NO
SOL4B4
NC
SOL5A1
NO
SOL5B1
NC
SOL5A3
NO
SOL5B3
NC
SOL5A4
NO
SOL5B4
NC
SOL6B1
24Vdc
NC
SOL6B3
110Vac
NC
SOL6A4
230Vac
NO
SOL6B4
230Vac
NC
SOL7B1
24Vdc
NC
SOL7B3
110Vac
NC
SOL7A4
NO
SOL7B4
NC
10
26
-20 to +90 Deg C
230Vac
27
-20 to +90 Deg C
G2"
50
75
37.5
99
110
100
145
110
100
138
154
0.4
10
G1-1/2"
45623185
111
146
0.4
168
0.4
12
17
-20 to +90 Deg C
-20 to +90 Deg C
230Vac
24Vdc
G1-1/4"
32
55
27.5
73.5
87
79
67
93
120
0.2
12
11
230Vac
110Vac
110Vac
24Vdc
G1"
26
45
22.5
60
71
54
50
110Vac
15
3.8
-20 to +90 Deg C
230Vac
24Vdc
G3/4"
18
36
18
46.6
40
45
41
69
101
0.1
5-20 to +90 Deg C
230Vac
74
108
0.2
15
24Vdc
G1/2"
13.5
30
15
57
93.5
0.1
110Vac
15
1.7
-20 to +90 Deg C
Max Flow
(m3/hr)
Operating Temp
24Vdc
G3/8"
11.524
12
32.542
38
230Vac
Part No.
Operating
Voltage
Operation
Size
Dimension (mm)
Pressure (bar)
110Vac



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com