Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF320 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFF320
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF320 Datasheet(HTML) 1 Page - International Rectifier

  IRFF320 Datasheet HTML 1Page - International Rectifier IRFF320 Datasheet HTML 2Page - International Rectifier IRFF320 Datasheet HTML 3Page - International Rectifier IRFF320 Datasheet HTML 4Page - International Rectifier IRFF320 Datasheet HTML 5Page - International Rectifier IRFF320 Datasheet HTML 6Page - International Rectifier IRFF320 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
2.0
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
1.25
IDM
Pulsed Drain Current ➀
10
PD @ TC = 25°C
Max. Power Dissipation
2 0
W
Linear Derating Factor
0.16
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
0.19
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD -90428C
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
o C
A
01/22/01
www.irf.com
1
TO-39
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFF320
400V
1.8
Ω
2.0A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
IRFF320
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6792
HEXFET
TRANSISTORS
JANTXV2N6792
THRU-HOLE (TO-205AF)
REF:MIL-PRF-19500/555
400V, N-CHANNEL


Similar Part No. - IRFF320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
March 1999
More results

Similar Description - IRFF320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFAE40 IRF-IRFAE40 Datasheet
148Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFAF50 IRF-IRFAF50 Datasheet
147Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFR9020 IRF-IRFR9020 Datasheet
238Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
logo
New Jersey Semi-Conduct...
IRF130 NJSEMI-IRF130 Datasheet
106Kb / 3P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com