Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF40P03D Datasheet(PDF) 1 Page - Anachip Corp

Part # AF40P03D
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF40P03D Datasheet(HTML) 1 Page - Anachip Corp

  AF40P03D Datasheet HTML 1Page - Anachip Corp AF40P03D Datasheet HTML 2Page - Anachip Corp AF40P03D Datasheet HTML 3Page - Anachip Corp AF40P03D Datasheet HTML 4Page - Anachip Corp AF40P03D Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AF40P03
P-Channel Enhancement Mode Power MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Aug 10, 2005
1/5
Features
-Lower On-Resistance
-Simple Drive Requirement
-Fast Switching Characteristic
-RoHS Compliant
-Pb Free Plating Product
Product Summary
BVDSS (V)
RDS(ON) (mΩ)
ID (A)
-30
28
-30
Pin Assignments
3
2
1
S
D
G
(Front View)
General Description
The TO-252 package is universally preferred for all
commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC
converters.
Pin Descriptions
Pin Name
Description
S
Source
G
Gate
D
Drain
Ordering information
A X 40P03 X X
PN
Package
Feature
F :MOSFET
D: TO-252
Packing
Blank : Tube or Bulk
A : Tape & Reel
Block Diagram
S
G
D


Similar Part No. - AF40P03D

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
AF40P-050AS SMC-CORP-AF40P-050AS Datasheet
398Kb / 5P
Drain Separator for Vacuum
More results

Similar Description - AF40P03D

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com