Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF40P03D Datasheet(PDF) 2 Page - Anachip Corp

Part # AF40P03D
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF40P03D Datasheet(HTML) 2 Page - Anachip Corp

  AF40P03D Datasheet HTML 1Page - Anachip Corp AF40P03D Datasheet HTML 2Page - Anachip Corp AF40P03D Datasheet HTML 3Page - Anachip Corp AF40P03D Datasheet HTML 4Page - Anachip Corp AF40P03D Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF40P03
P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 10, 2005
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
TC=25ºC
-30
ID
Continuous Drain Current, VGS=10V
TC=100ºC
-18
A
IDM
Pulsed Drain Current (Note 1)
-120
A
Power Dissipation
TC=25ºC
31.3
W
PD
Linear Derating Factor
0.25
W/ºC
TSTG
Storage Temperature Range
-55 to 150
ºC
TJ
Operating Junction Temperature Range
-55 to 150
ºC
Thermal Data
Symbol
Parameter
Maximum
Units
RθJC
Thermal Resistance Junction-Case
Max.
4.0
ºC/W
RθJA
Thermal Resistance Junction- Ambient
Max.
110
ºC/W
Electrical Characteristics (T
J=25ºC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=-250uA
-30
-
-
V
∆BVDSS/∆TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25ºC,
ID=-1mA
-
-0.02
-
V/ºC
VGS=-10V, ID=-18A
-
-
28
RDS(ON)
Static Drain-Source
On-Resistance (Note 2)
VGS=-4.5V, ID=-14A
-
-
50
mΩ
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=-250uA
-1
-
-
V
gfs
Forward Transconductance
VDS=-10V, ID=-18A
-
20
-
S
Drain-Source Leakage
Current(TJ=25ºC)
VDS=-30V, VGS=0V
-
-
-1
IDSS
Drain-Source Leakage
Current(TJ=150ºC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge (Note 2)
-
14
22
Qgs
Gate-Source Charge
-
3
-
Qgd
Gate-Drain (“Miller”) Charge
ID=-18A
VDS=-24V
VGS=-4.5V
-
9
-
nC
td(on)
Turn-On Delay Time (Note 2)
-
12
-
tr
Rise Time
-
56
-
td(off)
Turn-Off Delay Time
-
30
-
tf
Fall-Time
VDS=-15V
ID=-18A
RG=3.3Ω, VGS=-10V
RD=0.8Ω
-
57
-
nS
Ciss
Input Capacitance
-
915
1465
Coss
Output Capacitance
-
280
-
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-25V,
f=1.0MHz
-
195
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage (Note 2)
IS=-18A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time (Note 2)
-
30
-
ns
Qrr
Reverse Recovery Charge
IS=-18A, VGS=0V,
Dl/dt=-100A/µs
-
21
-
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com