Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2636 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2636
Description  Octal 12-/10-/8-Bit SPI VOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2636 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2636 Datasheet HTML 9Page - Analog Devices LTC2636 Datasheet HTML 10Page - Analog Devices LTC2636 Datasheet HTML 11Page - Analog Devices LTC2636 Datasheet HTML 12Page - Analog Devices LTC2636 Datasheet HTML 13Page - Analog Devices LTC2636 Datasheet HTML 14Page - Analog Devices LTC2636 Datasheet HTML 15Page - Analog Devices LTC2636 Datasheet HTML 16Page - Analog Devices LTC2636 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2636
13
Rev D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Response
Headroom at Rails
vs Output Current
Mid-Scale Glitch Impulse
Power-On Reset Glitch
Power-On Reset to Mid-Scale
Exiting Power-Down to Mid-Scale
Supply Current vs Logic Voltage
Hardware CLR
Hardware CLR to Mid-Scale
TA = 25°C, unless otherwise noted.
LTC2636
2µs/DIV
VOUT
0.5V/DIV
2636 G22
VFS = VCC = 5V
1/4 SCALE to 3/4 SCALE
2µs/DIV
VOUT
5mV/DIV
CS/LD
5V/DIV
2636 G23
LTC2636-H12, VCC = 5V
3.0nV•s TYP
LTC2636-L12, VCC = 3V
2.1nV•s TYP
200µs/DIV
VOUT
5mV/DIV
VCC
2V/DIV
2636 G24
LTC2636-L
ZERO-SCALE
IOUT (mA)
0
5.0
4.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
0
1
2636 G25
2
3
4
5
6
7
8
9
10
5V SOURCING
3V (LTC2636-L) SOURCING
5V SINKING
3V (LTC2636-L) SINKING
5µs/DIV
VOUT
0.5V/DIV
CS/LD
2V/DIV
2636 G26
LTC2636-H
VCC = 5V
INTERNAL REF.
DACs A-G IN
POWER-DOWN MODE
200µs/DIV
VCC
2V/DIV
VOUT
0.5V/DIV
2636 G27
LTC2636-H
LTC2636-L
LOGIC VOLTAGE (V)
0
1.5
1.2
1.4
1.0
0.8
0.6
2636 G28
5
4
3
2
1
SWEEP SCK, SDI, CS/LD
BETWEEN 0V AND VCC
VCC = 5V
VCC = 3V
(LTC2636-L)
1µs/DIV
CLR
5V/DIV
VOUT
1V/DIV
2636 G29
VCC = 5V
VREF = 4.096V
CODE = FULL-SCALE
1µs/DIV
VOUT
1V/DIV
CLR
5V/DIV
2636 G30
VCC = 5V
VREF = 4.096V
CODE = FULL-SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com