Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2636 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2636
Description  Octal 12-/10-/8-Bit SPI VOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2636 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2636 Datasheet HTML 16Page - Analog Devices LTC2636 Datasheet HTML 17Page - Analog Devices LTC2636 Datasheet HTML 18Page - Analog Devices LTC2636 Datasheet HTML 19Page - Analog Devices LTC2636 Datasheet HTML 20Page - Analog Devices LTC2636 Datasheet HTML 21Page - Analog Devices LTC2636 Datasheet HTML 22Page - Analog Devices LTC2636 Datasheet HTML 23Page - Analog Devices LTC2636 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2636
21
Rev D
For more information www.analog.com
OPERATION
2636 F04
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
0V
2,048
0
4,095
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
Figure 4. Effects of Rail-to-Rail Operation On a DAC Transfer Curve (Shown for 12 Bits).
(a) Overall Transfer Function
(b) Effect of Negative Offset for Codes Near Zero
(c) Effect of Positive Full-Scale Error for Codes Near Full-Scale
Rails vs. Output Current” in the Typical Performance
Characteristics section.
The amplifier is stable driving capacitive loads of up to
500pF.
Rail-to-Rail Output Considerations
In any rail-to-rail voltage output device, the output is lim-
ited to voltages within the supply range.
Since the analog output of the DAC cannot go below
ground, it may limit for the lowest codes as shown in
Figure 4b. Similarly, limiting can occur near full-scale
when the REF pin is tied to VCC. If VREF = VCC and the
DAC full-scale error (FSE) is positive, the output for the
highest codes limits at VCC, as shown in Figure 4c. No
full-scale limiting can occur if VREF is less than VCC–FSE.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
Board Layout
The PC board should have separate areas for the analog
and digital sections of the circuit. A single, solid ground
plane should be used, with analog and digital signals care-
fully routed over separate areas of the plane. This keeps
digital signals away from sensitive analog signals and
minimizes the interaction between digital ground currents
and the analog section of the ground plane. The resistance
from the LTC2636 GND pin to the ground plane should
be as low as possible. Resistance here will add directly to
the effective DC output impedance of the device (typically
0.1Ω). Note that the LTC2636 is no more susceptible to
this effect than any other parts of this type; on the con-
trary, it allows layout-based performance improvements
to shine rather than limiting attainable performance with
excessive internal resistance.
Another technique for minimizing errors is to use a sepa-
rate power ground return trace on another board layer.
The trace should run between the point where the power
supply is connected to the board and the DAC ground pin.
Thus the DAC ground pin becomes the common point for
analog ground, digital ground, and power ground. When
the LTC2636 is sinking large currents, this current flows
out the ground pin and directly to the power ground trace
without affecting the analog ground plane voltage.
It is sometimes necessary to interrupt the ground plane
to confine digital ground currents to the digital portion of
the plane. When doing this, make the gap in the plane only
as long as it needs to be to serve its purpose and ensure
that no traces cross over the gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com