Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMCX-R-PC Datasheet(PDF) 1 Page - Hirose Electric

Part # MMCX-R-PC
Description  Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MMCX-R-PC Datasheet(HTML) 1 Page - Hirose Electric

  MMCX-R-PC Datasheet HTML 1Page - Hirose Electric MMCX-R-PC Datasheet HTML 2Page - Hirose Electric MMCX-R-PC Datasheet HTML 3Page - Hirose Electric MMCX-R-PC Datasheet HTML 4Page - Hirose Electric MMCX-R-PC Datasheet HTML 5Page - Hirose Electric MMCX-R-PC Datasheet HTML 6Page - Hirose Electric MMCX-R-PC Datasheet HTML 7Page - Hirose Electric MMCX-R-PC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B31
Ultra Miniature Snap-on Coaxial Connector (PC Card Type
2
2 Mountable)
MMCX Series
■Features
1. Snap-on coupling mechanism makes it easy to
engage and disengage.
The rugged snap-on interface which uses no slotting in the outer
conductor maintains mechanical stability by allowing constant
mating force and rotation without degradation of electrical
performance.
2. Low Profile accommodates PCMCIA type
2
2 cards
The MMCX-LR-SMT with a height of only 3.51mm can be mounted
on the bottom of the type
2 card. For installation on the PCB
surface, the connector has a 0.36mm offset from the card centerline,
which allows the card center axis to coincide with the connector
center axis.
3. Designed for ultra thin cable
Industry Standard RG-type coaxial cable
··· RG-178B/U (Ø1.8)
··· RG-316/U (Ø2.59 max.)
Ø1.48 single shielded cable (one of the smallest available)
··· DFSS111-U1979 (Ø1.48) made by Junkosha Inc.
··· CO-6F·FH-SB (Ø1.48) made by Hitachi Cable Ltd.
··· RF-MF507 (Ø1.48) made by Nissei Electric Co., Ltd.
4. Cable Assemblies with multiple design options
By using
Ø1.48 single shielded cable, the opposite end of the
assembly can be connected with N, BNC, HRM (SMA type), TNC
and H.FL series.
5. Matched Excellent Impedance
The interface is slotless to minimize RF leakage. High frequency
characteristics achieve a maximum voltage standing-wave ratio
(VSWR) of 1.2 at DC-6GHz (typical value, that is not applicable to
all products).
6. Compatibility
Mates will all industry standard MMCX connectors.
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle + Straight Plug
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Vertical Receptacle
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Right-angle Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle + Straight Plug
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Right-angle Receptacle
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug
Vertical Receptacle + Right-angle Plug


Similar Part No. - MMCX-R-PC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-R-PC HIROSE-MMCX-R-PC Datasheet
188Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
More results

Similar Description - MMCX-R-PC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-LP-FHSB HIROSE-MMCX-LP-FHSB Datasheet
188Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
Push-On Coaxial Connectors (PC Card Type 2 Mountable)
POD3-J-DFS111 HIROSE-POD3-J-DFS111 Datasheet
99Kb / 4P
Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Winchester Electronics ...
10302 WINCHESTER-10302 Datasheet
91Kb / 1P
COAXIAL CONNECTOR 50 OHM SNAP ON TYPE
logo
Panasonic Semiconductor
ACJ2212 PANASONIC-ACJ2212 Datasheet
167Kb / 6P
SUPER MINIATURE PC BOARD TYPE
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
Ultra- Miniature Push-on Lock Coaxial Connectors
logo
Wurth Elektronik GmbH &...
70965XXXX WURTH-70965XXXX Datasheet
37Kb / 1P
AsSNSN Miniature snap-on spacer arresting on both sides
709659000 WURTH-709659000 Datasheet
77Kb / 1P
MINIATURE SNAP-ON STOP SPACER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com