Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMCX-R-PC Datasheet(PDF) 2 Page - Hirose Electric

Part # MMCX-R-PC
Description  Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MMCX-R-PC Datasheet(HTML) 2 Page - Hirose Electric

  MMCX-R-PC Datasheet HTML 1Page - Hirose Electric MMCX-R-PC Datasheet HTML 2Page - Hirose Electric MMCX-R-PC Datasheet HTML 3Page - Hirose Electric MMCX-R-PC Datasheet HTML 4Page - Hirose Electric MMCX-R-PC Datasheet HTML 5Page - Hirose Electric MMCX-R-PC Datasheet HTML 6Page - Hirose Electric MMCX-R-PC Datasheet HTML 7Page - Hirose Electric MMCX-R-PC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B32
01. Insulation Resistance
02. Withstanding Voltage
03. Contact Resistance
04. Female Contact Retention
07. Vibration
08. Shock
09. Humidity
12. Resistance to Corrosion
500M
ø min.
Neither short nor breakdown
0.2N
to 2N
No marked corrosion
■Product Specifications
Rating
Item
Specification
Condition
Nominal characteristic impedance
Rated frequency
50 ohms
DC-6GHz
Operating Temperature Range
Operating Relative Humidity
-55ç to +85ç
90
% max.
500V DC
500V AC / 1 minute
100mA (DC or 1000Hz)
Measured with the
Ø0.37 pin gauge.
Measured with an appropriate connector.
96 hours at temperature of 40ç and humidity of 90% to 95%
Exposed to density 5% salt water for 48 hours
No damage, cracks, or parts looseness.
Insulation resistance: 10M
ø min(High temperature)
Insulation resistance: 500M
ø min(Dry)
Contact resistance: 20m
ø max. (center)
10m
ø max. (outer)
No damage, cracks, or parts looseness.
10. Temperature Cycle
05. Insertion and withdrawal
force (plug)
06. Voltage standing
wave ratio
11. Operating Life
Contact resistance: 20m
ø max. (center)
10m
ø max. (outer)
No electrical discontinuity of 1μs or more
No damage, cracks, or parts looseness.
No electrical discontinuity of 1μs or more
No damage, cracks, or parts looseness.
1.2 max.
1.2 max. (MMCX-LR-SMT only)
1.4 max. (MMCX-LR-SMT only)
Insertion force: 15N max.
withdrawal force: 6
to 15N
10m
ø max. (center),
05m
ø max. (outer)
Temperature of:
-55ç
➝+20 to 35ç ➝+85ç
➝+20 to 35ç
Time: 30 minutes
➝5 minutes max. ➝30 minutes ➝5 minutes min.
5 cycles
500 cycles
Acceleration of 735 m/s2, 6 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis
Frequency: 10 to 500 Hz, single amplitude of 0.75 mm or
acceleration of 98 m/s2(peak), 2 hours in each of the 3 directions.
DC
to 6GHz
DC
to 4GHz
4GHz
to 6GHz
Measured at 0.45GHz
to 6GHz
Parts
Body
Male center contact
Female center contact
Male/female in-line contact
Insulator
Fixing ring
Crimp sleeve
Cover
Material
Phosphor bronze
Beryllium bronze
Beryllium copper (conversion adaptor)
PTFE
Beryllium copper (plug)
Copper
Brass (plug)
Gold plating
Gold plating
Gold plating
––
Gold plating
Gold plating
Gold plating
Gold plating
Brass
Stainless steel (conversion adaptor)
Finish
■Material
*Voltage standing wave ratio (V.S.W.R.) measuring system.
The above voltage standing wave ratio (V.S.W.R.) standard value is measured in the measuring system as shown below.
NOTE 1 : The cable connector is measured with double ended 15cm cable
assembly.
NOTE 2 : The PCB connector is mounted on the 50 ohms printed circuit
board, to which Hirose's adaptor is connected.
Network Analyzer
Test Set
Test Port
Test Post Cable
D.U.T
Termination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com