Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet(PDF) 9 Page - Hirose Electric

Part # PS2
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2 Datasheet(HTML) 9 Page - Hirose Electric

Back Button PS2 Datasheet HTML 4Page - Hirose Electric PS2 Datasheet HTML 5Page - Hirose Electric PS2 Datasheet HTML 6Page - Hirose Electric PS2 Datasheet HTML 7Page - Hirose Electric PS2 Datasheet HTML 8Page - Hirose Electric PS2 Datasheet HTML 9Page - Hirose Electric PS2 Datasheet HTML 10Page - Hirose Electric PS2 Datasheet HTML 11Page - Hirose Electric PS2 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PS2 Series●High Current Connector
BManual Crimp Tools
The Hirose hand tool for the PS2 series features replaceable die sets and parts. This allows you the ability to use one Hirose tool body and
switch between the two Hirose die sets to crimp either of the PS2 terminals.
Due to wear, neglect or loss, replacement parts are also available for the Hirose die sets. Please see the chart at the bottom of page seven
for these part numbers. Please be careful to select the correct replacement part based on the terminal and wire size you are trying to crimp.
If you have any concern on the correct part to purchase, a Hirose sales representative will be glad to assist in selecting the correct part.
*Please refer to the bottom of page 8 and 9 for product numbers and descriptions.
Part No.
HRS No.
HT702
250-1001-1 00
Target
product
Upper row : Part No. / Lower row : HRS No.
② IC
Insulation
Crimper
③ WC
(Wire Crimper)
④ IA
(Insulation Anvil)
⑤WA
(Wire Anvil)
⑥ Contact
Holder A
⑥ Contact
Holder B
⑦ Contact
Holder C
⑧ Crimper
Spacer
100A type
200A type
286219
【
250-1010-2(61)】
286223
【
250-1010-2(62)】
286225
【
250-1010-2(63)】
286226
【
250-1010-2(64)】
286233
【
250-1010-2(65)】
286234
【
250-1010-2(66)】
285996
【
250-1010-2(67)】
286220
【
250-1011-5(61)】
286224
【
250-1011-5(62)】
286225
【
250-1011-5(63)】
286226
【
250-1011-5(64)】
286233
【
250-1011-5(65)】
286234
【
250-1011-5(66)】
285996
【
250-1011-5(67)】
286219
【
250-1012-8(61)】
286223
【
250-1012-8(62)】
286225
【
250-1012-8(63)】
286226
【
250-1012-8(64)】
286233
【
250-1012-8(65)】
286235
【
250-1012-8(66)】
285996
【
250-1012-8(67)】
286220
【
250-1013-0(61)】
286224
【
250-1013-0(62)】
286225
【
250-1013-0(63)】
286226
【
250-1013-0(64)】
286233
【
250-1013-0(65)】
286235
【
250-1013-0(66)】
285996
【
250-1013-0(67)】
286876
【
250-1029-0(61)】
286877
【
250-1029-0(62)】
286231
【
250-1029-0(63)】
286232
【
250-1029-0(64)】
286233
【
250-1029-0(65)】
286234
【
250-1029-0(66)】
285996
【
250-1029-0(67)】
286876
【
250-1030-0(61)】
286877
【
250-1030-0(62)】
286231
【
250-1030-0(63)】
286232
【
250-1030-0(64)】
286233
【
250-1030-0(65)】
286235
【
250-1030-0(66)】
285996
【
250-1030-0(67)】
300A type
286256
【
250-1014-3(61)】
285991
【
250-1014-3(62)】
285992
【
250-1014-3(63)】
285993
【
250-1014-3(64)】
286257
【
250-1014-3(65)】
286258
【
250-1014-3(66)】
285996
【
250-1014-3(67)】
BAutomatic Crimper
Please call us.
① Tool Frame
⑥⑦Contact Holders A, B assembled
⑤Wire Anvil
④ Insulation Anvil
M3 Screw (included with tool frame
①)
The wire crimper and insulation
crimper are wire gauge specific.
Each crimping location is marked on
the part. Please make sure that you
have each crimper orientated to the
specific wire gauge you are using.
①Tool Frame
M2 Screw (included
with tool frame
①)
⑦ Contact Holder B
⑥Contact Holder A
①Tool Frame
⑧Crimp Spacer
③Wire Crimper
② Insulation Crimper
M3 Screw
(included with tool frame
①)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com