Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet(PDF) 1 Page - Hirose Electric

Part # PS2
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2 Datasheet(HTML) 1 Page - Hirose Electric

  PS2 Datasheet HTML 1Page - Hirose Electric PS2 Datasheet HTML 2Page - Hirose Electric PS2 Datasheet HTML 3Page - Hirose Electric PS2 Datasheet HTML 4Page - Hirose Electric PS2 Datasheet HTML 5Page - Hirose Electric PS2 Datasheet HTML 6Page - Hirose Electric PS2 Datasheet HTML 7Page - Hirose Electric PS2 Datasheet HTML 8Page - Hirose Electric PS2 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2017.2
②
High Current Connector
PS2 Series
and signal contacts together in one unit with dedicated
power contacts to handle 100, 200 or 300 Amps.
2. Floating Structure
The structure allows up to ±2.5 mm of float in the X
and Y directions, which makes mating easier even
when the mating position is not clearly visible.
3. Sequential Contact System
This series utilizes sequential contacts, the power
contacts mate before the signal contacts. This prevents
incomplete mating and also prevents hot swapping.
4. Finger Protection Structure
For added safety, the plug side (battery side) is
designed to prevent shock hazard and provides
for more user safety and security.
5. Plug-in Design
Its unique plug-in design provides enhanced safety
features, reduced production costs related to its
installation and the maintenance of high current units.
■Features
1. Power/Signal Hybrid Connector
The Hybrid design saves space by combining power
Risk of electric shock during cable wiring work
Battery installation is completed
Battery installation is completed
Cable wiring on site is eliminated and risk of accidental
touch to electrical lines is reduced.
Connector assembly
and wiring
(Installation)
Battery installation is completed
Old Battery
New Battery
Cable wiring on site is eliminated and risk of accidental touch
to electrical lines is reduced.
Battery module removal
Old Battery
New Battery
Risk of electric shock during cable removal work
Risk of electrical shock during battery module installation
(Maintenance)


Similar Part No. - PS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2 ETC-PS2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
AIC tech Inc.
PS2 AICTECH-PS2 Datasheet
86Kb / 3P
Useful of 4,000 hours at 85°C
logo
TUK Ltd
PS2 TUK-PS2 Datasheet
232Kb / 2P
Strain Relief Over Boots
logo
Multicomp Pro
PS2 MULTICOMP-PS2 Datasheet
123Kb / 1P
Various Boxes and Cases
07/06/12 V1.1
logo
List of Unclassifed Man...
PS2-100Q ETC2-PS2-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
More results

Similar Description - PS2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
logo
Seme LAB
BUX80 SEME-LAB-BUX80 Datasheet
21Kb / 2P
HIGH CURRENT HIGH SPEED
logo
Tyco Electronics
530521-6 MACOM-530521-6 Datasheet
176Kb / 2P
HOUSING,HIGH-CURRENT CONNECTOR.
logo
Molex Electronics Ltd.
171097-0250 MOLEX8-171097-0250 Datasheet
128Kb / 2P
EXTreme EnergetiC High-Current Connector System
logo
Nanjing International G...
CZT3055 DGNJDZ-CZT3055 Datasheet
219Kb / 1P
High Current
BD135 DGNJDZ-BD135 Datasheet
360Kb / 2P
High Current
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Japan Aviation Electron...
DW05 JAE-DW05 Datasheet
1Mb / 9P
High-Current Connector
DW07 JAE-DW07 Datasheet
353Kb / 5P
High-current Busbar Connector
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com