Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet (PDF) - AIC tech Inc.

PS2 Datasheet PDF - AIC tech Inc.
Part # PS2
Download  PS2 Download
File Size   86.5 Kbytes
Page   3 Pages
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.
Description Useful of 4,000 hours at 85°C

PS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2 Datasheet PDF - AIC tech Inc.

Part # PS2
Download  PS2 Click to download

File Size   86.5 Kbytes
Page   3 Pages
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.
Description Useful of 4,000 hours at 85°C

PS2 Datasheet (HTML) - AIC tech Inc.


PS2 Product details

Features
• Higher ripple though use of low-ESR material consequently, the permissible ripple
current is improved by 27% in the windless status or 40% in the ventilated condition
(0.5m/s) as compared with conventional constructions (HP3 series).
• Improvement in air exhaust (flow hole phenomenon) from the terminal insertion hole at
solder fixing though improvement of cap condtruction.
• The operating spase of the safety vent (arranged on the case bottom) is reduced from
5mm (conventional necessary distance) into 1mm through improvement of case
construction. For these new case construction, pattern desigh can be move flexible.




Similar Part No. - PS2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PS2 HIROSE-PS2 Datasheet
1Mb / 12P
High Current Connector
logo
List of Unclassifed Man...
PS2 ETC-PS2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
TUK Ltd
PS2 TUK-PS2 Datasheet
232Kb / 2P
Strain Relief Over Boots
logo
Multicomp Pro
PS2 MULTICOMP-PS2 Datasheet
123Kb / 1P
Various Boxes and Cases
07/06/12 V1.1
logo
List of Unclassifed Man...
PS2-100Q ETC2-PS2-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
More results


Similar Description - PS2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCG7A AICTECH-HCG7A Datasheet
68Kb / 3P
Useful of 4,000 hours at 105ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HCGHA AICTECH-HCGHA Datasheet
72Kb / 3P
Useful of 4,000 hours at 105ºC
HCGW2 AICTECH-HCGW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HP3 AICTECH-HP3 Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HU AICTECH-HU Datasheet
90Kb / 4P
Useful of 4,000 hours at 105ºC
VF0J334YD094 AICTECH-VF0J334YD094 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VFR AICTECH-VFR Datasheet
82Kb / 3P
Useful of 4,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGR AICTECH-VGR Datasheet
83Kb / 3P
Useful of 4,000 hours at 105ºC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com