Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet(PDF) 3 Page - AIC tech Inc.

Part # PS2
Description  Useful of 4,000 hours at 85°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

PS2 Datasheet(HTML) 3 Page - AIC tech Inc.

  PS2 Datasheet HTML 1Page - AIC tech Inc. PS2 Datasheet HTML 2Page - AIC tech Inc. PS2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Life time graph
  Useful life depending on ambient temperature Ta and ripple current operating conditionⅠversus rated ripple current at 85℃,120Hz.
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
0
0.5
1
1.5
2
Ta=85
℃
Ta=60
℃
Ta=40
℃
1,000
10,000
100,000
1,000,000
Ta=85
℃
Ta=60
℃
Ta=40
℃
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Series
PS2 200
∼500V
Series
PS2 550
∼600V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com